Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4200ESA Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4200ESA
Description  Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4200ESA Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4200ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE NO. LAND PATTERN
NO.
8-SOIC
S8-2
21-0041
90-0096
5-SOT23
U5-1
21-0052
90-0174
8-µMAX
U8-1
21-0036
90-0092
Package Information
For the latest package outline information and land patterns
(footprints), go to
www.maximintegrated.com/packages. Note
that a “+”, “#”, or “-” in the package code indicates RoHS status
only. Package drawings may show a different suffix character,
but the drawing pertains to the package regardless of RoHS
status.
Chip Information
TRANSISTOR COUNTS:
MAX4200/MAX4201/MAX4202: 33
MAX4203/MAX4204/MAX4205: 67
SUBSTRATE CONNECTED TO VEE
MAX4200–MAX4205
Ultra-High-Speed, Low-Noise, Low-Power,
SOT23 Open-Loop Buffers
www.maximintegrated.com
Maxim Integrated │ 12
PART
NO. OF
BUFFERS
INTERNAL
OUTPUT
TERMINATION
(Ω)
PIN-PACKAGE
MAX4200
1
—
8 SO, 5 SOT23
MAX4201
1
50
8 SO, 5 SOT23
MAX4202
1
70
8 SO, 5 SOT23
MAX4203
2
—
8 SO/μMAX
MAX4204
2
50
8 SO/μMAX
MAX4205
2
75
8 SO/μMAX
Selector Guide
Note: All devices are specified over the -40°C to +85°C operat-
ing temperature range.
PART
PIN-PACKAGE
TOP
MARK
PKG
CODE
MAX4200ESA
8 SO
—
S8-2
MAX4200EUK-T
5 SOT23-5
AABZ
U5-1
MAX4201ESA
8 SO
—
S8-2
MAX4201EUK-T
5 SOT23-5
ABAA
U5-1
MAX4202ESA
8 SO
—
S8-2
MAX4202EUK-T
5 SOT23-5
ABAB
U5-1
MAX4203ESA
8 SO
—
S8-2
MAX4203EUA-T
8 µMAX-8
—
U8-1
MAX4204ESA
8 SO
—
S8-2
MAX4204EUA-T
8 µMAX-8
—
U8-1
MAX4205ESA
8 SO
—
S8-2
MAX4205EUA-T
8 µMAX-8
—
U8-1
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com