Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4200ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4200ESA
Description  Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4200ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4200ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Supply Voltage (VCC to VEE)..............................................+12V
Voltage on Any Pin to GND...........(VEE - 0.3V) to (VCC + 0.3V)
Output Short-Circuit Duration to GND.......................Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C) ..........571mW
8-Pin μMAX (derate 4.1mW/°C above +70°C)............330mW
8-Pin SO (derate 5.9mW/°C above +70°C).................471mW
Operating Temperature Range........................... -40°C to +85°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)........................................+260°C
Junction Temperature......................................................+150°C
(VCC = +5V, VEE = -5V, RL = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
VS
Guaranteed by PSR test
±4
±5.5
V
Quiescent Supply Current
IS
Per buffer, VIN = 0V
2.2
4
mA
Input Offset Voltage
VOS
VIN = 0V
1
15
mV
Input Offset Voltage Drift
TCVOS
VIN = 0V
20
μV/°C
Input Offset Voltage
Matching
MAX4203/MAX4204/MAX4205
0.4
mV
Input Bias Current
IB
0.8
10
μA
Input Resistance
RIN
(Note 1)
500
kΩ
Voltage Gain
AV
-3.0V ≤
VOUT ≤
3.0V
MAX4200/MAX4203, REXT = 150Ω
0.9
0.96
1.1
V/V
MAX4201/MAX4204, REXT = 50Ω
0.42
0.50
0.58
MAX4202/MAX4205, REXT = 75Ω
0.41
0.50
0.59
Power-Supply Rejection
PSR
VS = ±4V to ±5.5V
55
72
dB
Output Resistance
ROUT
f = DC
MAX4200/MAX4203
8
Ω
MAX4201/MAX4204
50
MAX4202/MAX4205
75
Output Current
IOUT
RL = 30Ω
MAX4200/MAX4203
±90
mA
MAX4201/MAX4204
±52
MAX4202/MAX4205
±44
Short-Circuit Output Current
ISC
Sinking or sourcing
MAX4200/MAX4203
150
mA
MAX4201/MAX4204
90
MAX4202/MAX4205
75
Output-Voltage Swing
VOUT
MAX4200/MAX4203
RL = 150Ω
±3.3
±3.8
V
RL = 100Ω
±3.2
±3.7
RL = 37.5Ω
±3.3
MAX4201/MAX4204
RL = 50Ω
±1.9
±2.1
MAX4202/MAX4205
RL = 75Ω
±2.0
±2.3
MAX4200–MAX4205
Ultra-High-Speed, Low-Noise, Low-Power,
SOT23 Open-Loop Buffers
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com