Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4200ESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4200ESA
Description  Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4200ESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4200ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Output Capacitive Loading and Stability
The MAX4200–MAX4205 provide maximum AC per-
formance with no load capacitance. This is the case
when the load is a properly terminated transmission line.
However, these devices are designed to drive any load
capacitance without oscillating, but with reduced AC per-
formance.
Since the MAX4200–MAX4205 operate in an open-
loop configuration, there is no negative feedback to be
transformed into positive feedback through phase shift
introduced by a capacitive load. Therefore, these devices
will not oscillate with capacitive loading, unlike similar
buffers operating in a closed-loop configuration. However,
a capacitive load reacting with the buffer’s output imped-
ance can still affect circuit performance. A capacitive load
will form a lowpass filter with the buffer’s output resistance,
thereby limiting system bandwidth. With higher capacitive
loads, bandwidth is dominated by the RC network formed
by RT and CL; the bandwidth of the buffer itself is much
higher. Also note that the isolation resistor forms a divider
that decreases the voltage delivered to the load.
Another concern when driving capacitive loads results
from the amplifier’s output impedance, which looks induc-
tive at high frequency. This inductance forms an L-C reso-
nant circuit with the capacitive load and causes peaking in
the buffer’s frequency response.
Figure 2 shows the frequency response of the MAX4200/
MAX4203 under different capacitive loads. To settle
out some of the peaking, the output requires an isola-
tion resistor like the one shown in Figure 3. Figure 4 is
a plot of the MAX4200/MAX4203 frequency response
with capacitive loading and a 10Ω isolation resistor.
In many applications, the output termination resistors
included in the MAX4201/MAX4202/ MAX4204/MAX4205
will serve this purpose, reducing component count and
board space. Figure 5 shows the MAX4201/MAX4202/
MAX4204/MAX4205 frequency response with capacitive
loads of 47pF, 68pF, and 120pF.
Coaxial Cable Drivers
Coaxial cable and other transmission lines are easily
driven when properly terminated at both ends with their
characteristic impedance. Driving back-terminated trans-
mission lines essentially eliminates the line’s capacitance.
The MAX4201/MAX4204, with their integrated 50Ω output
termination resistors, are ideal for driving 50Ω cables.
The MAX4202/MAX4205 include integrated 75Ω termina-
tion resistors for driving 75Ω cables. Note that the output
termination resistor forms a voltage divider with the load
resistance, thereby decreasing the amplitude of the sig-
nal at the receiving end of the cable by one half (see the
Typical Application Circuit).
MAX4200–MAX4205
Ultra-High-Speed, Low-Noise, Low-Power,
SOT23 Open-Loop Buffers
www.maximintegrated.com
Maxim Integrated │ 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com