Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4200ESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4200ESA
Description  Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4200ESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4200ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4200ESA Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Figure 2. MAX4200/MAX4203 Small-Signal Gain vs.
Frequency with Load Capacitance and No Isolation Resistor
Figure 4. MAX4200/MAX4203 Small-Signal Gain vs.
Frequency with Load Capacitance and 10Ω Isolation Resistor
Figure 3. Driving a Capacitive Load Through an Isolation
Resistor
Figure 5. MAX4201/MAX4202/MAX4204/MAX4205 Small-
Signal Gain vs. Frequency with Capacitive Load and No
External Isolation Resistor
5
-5
100k
1M
10M
100M
1G
-3
-4
-2
FREQUENCY (Hz)
-1
0
1
3
2
4
CL = 47pF
VOUT = 100mVP-P
CL = 68pF
CL = 120pF
CL = 220pF
5
-5
100k
1M
10M
100M
1G
-3
-4
-2
FREQUENCY (Hz)
-1
0
1
3
2
4
CL = 47pF
CL = 68pF
CL = 120pF
RISO = 10Ω
VOUT = 100mVP-P
MAX4200
MAX4203
RISO
CL
VIN
VOUT
5
-5
100k
1M
10M
100M
1G
-3
-4
-2
FREQUENCY (Hz)
-1
0
1
3
2
4
CL = 47pF
CL = 68pF
CL = 120pF
VOUT = 100mVP-P
MAX4200–MAX4205
Ultra-High-Speed, Low-Noise, Low-Power,
SOT23 Open-Loop Buffers
www.maximintegrated.com
Maxim Integrated │ 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com