Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69200 Datasheet(PDF) 2 Page - Microchip Technology

Part # PD69200
Description  PoE PSE Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69200 Datasheet(HTML) 2 Page - Microchip Technology

  PD69200 Datasheet HTML 1Page - Microchip Technology PD69200 Datasheet HTML 2Page - Microchip Technology PD69200 Datasheet HTML 3Page - Microchip Technology PD69200 Datasheet HTML 4Page - Microchip Technology PD69200 Datasheet HTML 5Page - Microchip Technology PD69200 Datasheet HTML 6Page - Microchip Technology PD69200 Datasheet HTML 7Page - Microchip Technology PD69200 Datasheet HTML 8Page - Microchip Technology PD69200 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Features
The following is the list of feature details of PSE Controller devices.
• Complies with IEEE 802.3 af/at, IEEE 802.3 bt, and HDBaseT (POH) standards
• Port matrix and priority
• Cascade up to 12 PoE devices for 48 logical ports
• 45 W maximum two pair power and capable of 90 W per four pair port (.bt)
• Supports three power management modes: Class (LLDP), Dynamic, and Static
• Supports 16 power banks based on four power supplies
• Port power limit setting
• Interrupt from power supply to PoE drivers
• Interrupt out pin for system and port events
• System OK indication
• Disable ports input pin
• System and port status and port measurements
• Legacy detection support
• LED stream support
• Fast and perpetual PoE support
• Software download through I2C or UART communication interface
• 32-pin, 5 mm x 5 mm QFN package
• Pin compatible with PD69220
• MSL3 and RoHS compliant
PD69200
© 2020 Microchip Technology Inc.
Datasheet
DS00003460A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com