Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69200 Datasheet(PDF) 12 Page - Microchip Technology

Part # PD69200
Description  PoE PSE Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69200 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PD69200 Datasheet HTML 8Page - Microchip Technology PD69200 Datasheet HTML 9Page - Microchip Technology PD69200 Datasheet HTML 10Page - Microchip Technology PD69200 Datasheet HTML 11Page - Microchip Technology PD69200 Datasheet HTML 12Page - Microchip Technology PD69200 Datasheet HTML 13Page - Microchip Technology PD69200 Datasheet HTML 14Page - Microchip Technology PD69200 Datasheet HTML 15Page - Microchip Technology PD69200 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
3.3
Recommended PCB Layouts
3.3.1
Recommended PCB Layout for 32-Pin QFN 5 mm x 5 mm
The following figures show the PCB layout pattern for PD69200. The units are in mm.
Figure 3-2. Top Layer Copper PCB Layout
0.96
0.37
0.50
3.50
3.87
5.85
Figure 3-3. PD69200 Top-Layer Solder Paste and Vias PCB Layout for Thermal Pad Array
1.45
3.30
1.45
0.66
0.23
0.50
3.73
5.38
4.06
The contract manufacturer has latitude to modify the solder paste stencil for manufacturability reasons. The solder
paste stencil covers 65% to 80% of the thermal pad and must not allow solder to be applied to the thermal vias under
the QFN package using any method they deem appropriate. Any design should be subject to system validation and
qualification prior to commitment to mass production of field deployment. Use a 5 mil stencil.
PD69200
Pin Descriptions
© 2020 Microchip Technology Inc.
Datasheet
DS00003460A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com