Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69200 Datasheet(PDF) 16 Page - Microchip Technology

Part # PD69200
Description  PoE PSE Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69200 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PD69200 Datasheet HTML 12Page - Microchip Technology PD69200 Datasheet HTML 13Page - Microchip Technology PD69200 Datasheet HTML 14Page - Microchip Technology PD69200 Datasheet HTML 15Page - Microchip Technology PD69200 Datasheet HTML 16Page - Microchip Technology PD69200 Datasheet HTML 17Page - Microchip Technology PD69200 Datasheet HTML 18Page - Microchip Technology PD69200 Datasheet HTML 19Page - Microchip Technology PD69200 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
5.
Ordering Information
The following table lists the part ordering information for PD69200 devices.
Table 5-1. Ordering Information
Part Number
Package
Packaging Type Temperature
Part Marking
Tray Marking
PD69200D1-
VVVV2SS3
Plastic QFN
5 mm × 5 mm
(32 lead)
Tray
–40 °C to 85 °C Microsemi Logo
NXP Logo
69200
M15M7V4
XXXX5
YYYY6
PD69200-
VVVVSS
PD-OOOOGabb7
YYWW
PD69200D1-
VVVV2SS3-TR
Plastic QFN
5 mm × 5 mm
(32 lead)
Tape and Reel
–40 °C to 85 °C Microsemi Logo
NXP Logo
69200
M15M7V4
XXXX5
YYYY6
Note: 
1.
D stands for the detection method set as:
– C = IEEE802.3 and pre-standard
– R = IEEE802.3 only
2.
VVVV is firmware revision.
3.
SS stands for firmware parameters options.
4.
Short part number
5.
Mask set
6.
Date code
7.
Operational part number
The firmware release note has all required information about how to specify the choice of VVVV and SS. Find the
Firmware Release Notes in the Microchip Software Libraries, and register to My Microchip account to access the
release notes.
Note:  The package meets RoHS, Pb-free of the European Council to minimize the environmental impact of
electrical equipment.
Note:  Initial burning of controller's firmware is performed in the factory. Firmware upgrades can be performed by
users using the communication interface. For more information, see TN-140 (Catalog Number: 06-0024-081).
PD69200
Ordering Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003460A-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com