Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69200 Datasheet(PDF) 15 Page - Microchip Technology

Part # PD69200
Description  PoE PSE Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69200 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PD69200 Datasheet HTML 11Page - Microchip Technology PD69200 Datasheet HTML 12Page - Microchip Technology PD69200 Datasheet HTML 13Page - Microchip Technology PD69200 Datasheet HTML 14Page - Microchip Technology PD69200 Datasheet HTML 15Page - Microchip Technology PD69200 Datasheet HTML 16Page - Microchip Technology PD69200 Datasheet HTML 17Page - Microchip Technology PD69200 Datasheet HTML 18Page - Microchip Technology PD69200 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Figure 4-2. Classification Reflow Profiles
Table 4-4. Pb-Free Process—Package Classification Reflow Temperatures
Package Thickness
Volume mm3 < 350
Volume mm3 350– 2000
Volume mm3 > 2000
Less than 1.6 mm1
260 + 0 °C
260 + 0 °C
260 + 0 °C
1.6 mm to 2.5 mm1
260 + 0 °C
250 + 0 °C
245 + 0 °C
Greater than or equal to
2.5 mm1
250 + 0 °C
245 + 0 °C
245 + 0 °C
Note: 
1.
Tolerance: The device manufacturer or supplier should assure process compatibility up to and including the
stated classification temperature, meaning that the peak reflow temperature is 0 °C. For example, 260 °C to
0 °C, at the rated MSL value.
Note:  Exceeding the ratings that are mentioned in the preceding table might cause damage to the device.
4.4
Reference Documents
• IEEE Std 802.3-2018 Clause 33 Power over Ethernet over 2-Pair and Clause 145 Power over Ethernet
• PD692x0 Communication Protocol User Guide
• AN3361 Designing an IEEE802.3af/at/bt PoE System Based on PD692x0/PD69208
• PD69208T4, PD69204T4, and PD69208M PoE PSE Manager Data Sheet
• PD69210 and PD69220 PoE PSE Controller Data Sheet
PD69200
Package Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003460A-page 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com