Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69200 Datasheet(PDF) 13 Page - Microchip Technology

Part # PD69200
Description  PoE PSE Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69200 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PD69200 Datasheet HTML 9Page - Microchip Technology PD69200 Datasheet HTML 10Page - Microchip Technology PD69200 Datasheet HTML 11Page - Microchip Technology PD69200 Datasheet HTML 12Page - Microchip Technology PD69200 Datasheet HTML 13Page - Microchip Technology PD69200 Datasheet HTML 14Page - Microchip Technology PD69200 Datasheet HTML 15Page - Microchip Technology PD69200 Datasheet HTML 16Page - Microchip Technology PD69200 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
4.
Package Information
This section describes the package drawings of PD69200 device.
4.1
PD69200 Package Outline Drawing
The following figure shows the package drawing (32 Pin QFN 5 mm x 5 mm) of the PD69200 device.
Figure 4-1. PD69200 Package Outline Drawing
The following table lists the dimensions and measurements of the PD69200 package.
Table 4-1. PD69200 Package Outline Dimensions and Measurements
Dimension
Millimeters
Inches
Min
Max
Min
Max
A
0.80
1.00
0.031
0.039
A1
0.00
0.05
0
0.002
e
0.50 BSC
0.02 BSC
L
0.30
0.50
0.012
0.02
b
0.18
0.30
0.007
0.012
D2
3.50
3.70
0.138
0.147
E2
3.50
3.70
0.138
0.147
D
5.00 BSC
0.197 BSC
E
5.00 BSC
0.197 BSC
Note:  Dimensions do not include protrusions. They should not exceed 0.155 mm (.006 in) on any side. Lead
dimension should not include solder coverage. The dimensions are in millimeters and inches for reference.
PD69200
Package Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003460A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com