Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD69200 Datasheet(PDF) 14 Page - Microchip Technology

Part # PD69200
Description  PoE PSE Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD69200 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PD69200 Datasheet HTML 10Page - Microchip Technology PD69200 Datasheet HTML 11Page - Microchip Technology PD69200 Datasheet HTML 12Page - Microchip Technology PD69200 Datasheet HTML 13Page - Microchip Technology PD69200 Datasheet HTML 14Page - Microchip Technology PD69200 Datasheet HTML 15Page - Microchip Technology PD69200 Datasheet HTML 16Page - Microchip Technology PD69200 Datasheet HTML 17Page - Microchip Technology PD69200 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
4.2
Thermal Specifications
The following table list the thermal specifications of the PD69200.
Table 4-2. Thermal Specifications
Thermal Resistance
Typ
Units
Notes
θJA
33
°C/W
Junction-to-ambient thermal resistance
θJC
1.8
°C/W
Junction-to-case thermal resistance
4.3
Recommended Solder Reflow Information
Following list shows the recommended solder reflow information details.
• RoHS 6/6
• Pb-free 100%
• Matte Tin Finish
• Package Peak Temperature for Solder Reflow (40 s maximum exposure)—260 °C (0 °C, –5 °C)
Table 4-3. Classification Reflow Profiles
Profile Feature
Sn-PbEutectic Assembly
Pb-Free Assembly
Average Ramp-up Rate (TSmax to Tp)
3 °C/second max
3 °C/second max
Preheat
Temperature Min (TSmin)
100 °C
150 °C
Temperature Max (TSmax)
150 °C
200 °C
Time (tsmin to tsmax)
60 s to 120 s
60 s to 180 s
Time Maintained
Time Maintained Temperature (TL)
183 °C
217 °C
Time (tL)
60 s to 150 s
60 s to 150 s
Peak Classification Temperature (TP)
210 °C to 235 °C
240 °C to 255 °C
Time within 5 °C of Actual Peak Temperature (tp)
10 s to 30 s
20 s to 40 s
Ramp-down Rate
6 °C/second max
6 °C/second max
Time 25 °C to Peak Temperature
6 minutes max
8 minutes max
PD69200
Package Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003460A-page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com