Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536EVKIT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAXM17536EVKIT
Description  MAXM17536 5V Output Evaluation Kit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536EVKIT Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAXM17536EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 9Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 10Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Maxim Integrated │ 7
www.maximintegrated.com
Evaluates: MAXM17536 5V Output
MAXM17536 5V Output
Evaluation Kit
MAXM17536EVKIT# Bill of Materials
ITEM
QTY
REF DES
MFG PART #
DESCRIPTION
1
2
C2, C3
TDK C1608C0G2A221J080AA
220pF ± 5%, 100V, Ceramic Cap, C0G, NP0 (0603)
2
4
C4-C7
MURATA GRM31CZ72A475KE11
4.7µF ± 10%, 100V, X7R, CAP (1206)
3
4
C8, C9, C15, C17 MURATA GCJ188R72A104KA01D
0.1µF ± 10%, 100V, Ceramic Cap, X7R (0603)
4
1
C10
MURATA GRM1885C1H2R2CA01D
2.2pF ± 0.1pF, 50V, Ceramic CAP (0603)
5
1
C11
MURATA GCJ188R71H223KA01D
0.022µF ± 10%, 50V, Ceramic Cap, X7R (0603)
6
3
C12-C14
MURATA GRM32ER71A476KE15
47µF ± 10%, 10V, Ceramic Cap, X7R (1210)
7
1
C16
TDK C1005C0G2A151J050BA
150pF ± 5%, 100V, Ceramic Cap, C0G, NP0 (0402)
8
1
C24
PANASONIC EEE-FK1K470P
47μF ± 20%, 80V, Aluminium Electrolytic
9
1
R1
PANASONIC ERJ-3EKF1743
174 kΩ ± 1%, 0.1W, Resistor (0603)
10
1
R2
PANASONIC ERJ-3EKF3832
38.3 kΩ ± 1%, 0.1W, Resistor (0603)
11
1
R3
VISHAY DALE CRCW0603715KFK
715 kΩ ± 1%, 0.1W, Resistor (0603)
12
1
R5
VISHAY DALE CRCW060310K0FK
10 kΩ ± 1%, 0.1W, Resistor (0603)
13
1
R6
VISHAY DALE CRCW06030000ZS
0 Ω ± 1%, 0.1W, Resistor (0603)
14
1
U1
MAXM17536ALY#
MAXM17536 DC-DC Module
15
1
C1
TDK C1608C0G2A221J080AA
OPTIONAL : 220pF ± 5% 100V, Ceramic Cap, C0G, NP0 (0603)
16
5
C18-C22
MURATA GRM31CZ72A475KE11
OPTIONAL : 4.7μF ± 10%, 100V, X7R ceramic cap (1206)
17
1
C23
MURATA GCJ188R72A104KA01
OPTIONAL : 0.1μF ± 10%, 100V, X7R ceramic cap (0603)
18
1
L1
COILCRAFT XAL5050-822ME
OPTIONAL : 8.2μH ± 20%, Inductor
19
1
R4
OPTIONAL : OPEN (0603)
20
1
C25
OPTIONAL : OPEN (1210)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com