Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536EVKIT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAXM17536EVKIT
Description  MAXM17536 5V Output Evaluation Kit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536EVKIT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAXM17536EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Maxim Integrated │ 5
www.maximintegrated.com
Evaluates: MAXM17536 5V Output
MAXM17536 5V Output
Evaluation Kit
100mV/div
toc09
400
µs/div
LOAD TRANSIENT
(VIN = 24V, VOUT = 5V, IOUT = 2A TO 4A, PWM MODE)
2A/div
IOUT
VOUT (AC)
100mV/div
toc08
400
µs/div
LOAD TRANSIENT
(VIN = 24V, VOUT = 5V, IOUT = 0A TO 2A, PWM MODE)
2A/div
IOUT
VOUT (AC)
MAXM17536EVKIT# Performance Report (continued)
100mV/div
toc10
400
µs/div
LOAD TRANSIENT
(VIN = 24V, VOUT = 5V, IOUT = 25mA TO 2A, PFM MODE)
1A/div
IOUT
VOUT (AC)
-60
-40
-20
0
20
40
60
80
100
120
-40
-30
-20
-10
0
10
20
30
40
toc12
PHASE
GAIN
BODE PLOT
(VIN = 24V, VOUT = 5V, IOUT = 4A)
104
105
FREQUENCY (Hz)
103
fCR = 33.33kHz,
PHASE MARGIN = 58.7
°
100mV/div
toc11
400
µs/div
LOAD TRANSIENT
(VIN = 24V, VOUT = 5V, IOUT = 25mA TO 2A, DCM MODE)
1A/div
IOUT
VOUT (AC)
toc13
0.15
CONDUCTED EMISSION PLOT
(WITH FILTER, C18 = C19 = C20 = C21 = C22 = 4.7µF,
L1 = 8.2µH)
30
1
10
20
30
40
50
60
FREQUENCY (MHz)
CONDITIONS : VIN = 24V, VOUT = 5V, IOUT = 4A
FROM : MAXM17536EVKIT#
AVERAGE EMISSION
PEAK EMISSION
CISPR-22 CLASS B QP LIMIT
CISPR-22 CLASS B AVG LIMIT
10
toc14
30
RADIATED EMISSION PLOT
(NO FILTER, C18 = C19 = C20 = C21 = C22 = OPEN,
L1 = SHORT)
TUVRheinland
MaximIc_MAXM17536
RE 30MHz-1GHz
30.0M
100.0M
1.0G
Frequency(Hz)
-10.0
0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
09:50:36AM,Monday,May20,2019
RE 30MHz-1GHz_0-360Deg_90DegStep_1-4Mtr Height_QuickScan_Test2.TIL
Final_ScanV
Final_ScanH
Limit
1000
100
0
10
20
30
40
50
60
HORIZONTAL SCAN
VERTICAL SCAN
CISPR-22 CLASS B QP LIMIT
FREQUENCY (MHz)
CONDITIONS : VIN = 24V, VOUT = 5V, IOUT = 4A
FROM : MAXM17536EVKIT#



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com