Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536EVKIT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAXM17536EVKIT
Description  MAXM17536 5V Output Evaluation Kit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536EVKIT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAXM17536EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAXM17536 5V Output
MAXM17536 5V Output
Evaluation Kit
Detailed Description of Hardware
The MAXM17536EVKIT# is a proven circuit to demonstrate
the high-voltage, high-efficiency, and compact solution
size of the MAXM17536 synchronous step-down DC-DC
power module. The output voltage is preset to 5V to
operate from 7V to 60V input and provides up to 4A load
current. The optimal frequency is set at 450kHz to
maximize efficiency and minimize component size. The
EV kit includes test points, for monitoring the RESET, LX
voltage, DL voltage, BST, and VCC voltage.
Soft-Start Input (SS)
The MAXM17536 module implements adjustable soft-start
operation to reduce inrush current. A capacitor connected
from the SS pin to SGND programs the soft-start time.
The selected output capacitance (CSEL) and the output
voltage (VOUT) determine the minimum required soft-start
capacitor as follows:
CSS ≥ 28 x 10-6 x CSEL x VOUT
The soft-start time (tSS) is related to the capacitor
connected at SS (CSS) by the following equation:
tSS = CSS/(5.55)
where tSS is in ms and CSS is in nF. For example, to
program a 4ms soft-start time, a 22nF capacitor should be
connected from the SS pin to SGND.
Regulator Enable/Undervoltage-Lockout Level
(EN/UVLO)
The EV kit offers an adjustable input undervoltage-lockout
level by resistor-dividers connecting between the IN, EN/
UVLO, and GND pins. For normal operation, a shunt
should not be installed across pins 1-2 on J1 to enable
the output through an internal pullup 3.32MΩ resistor from
the EN/UVLO pin to the IN pin. To disable the output, install
the shunt across pins 1-2 on J1 to pull the EN/UVLO pin
to GND. See Table 1 for J1 setting details. The EV kit also
provides an R3 resistor to program a UVLO threshold
voltage at which an input-voltage level device turns on.
The R3 resistor can be calculated by the following equation:
R3 = 3320 x 1.215/(VINU - 1.215)
where VINU is the input voltage at which the device is
required to turn on, and R3 is in kΩ.
MODE/SYNC Selection (MODE)
The device’s MODE pin can be used to select among the
PWM, PFM, or DCM modes of operation. The logic state
of the MODE pin is latched when the VCC and EN/UVLO
voltages exceed the respective UVLO rising thresholds
and all internal voltages are ready to allow LX switching.
State changes on the MODE pin are ignored during
normal operation. Refer to the MAXM17536 module data
sheet for more information on the PWM, PFM, and DCM
modes of operation.
Table 2 lists J2 jumper settings that can be used to configure
the desired mode of operation. The internal oscillator of
the device can be synchronized to an external clock signal
on the SYNC pin. The external synchronization clock
frequency must be between 1.1 x fSW and 1.4 x fSW,
where fSW is the frequency of operation set by R4. The
minimum external clock high pulse width should be greater
than 50ns, while the minimum external clock low pulse
width should be greater than 160ns.
Table 1. EN/UVLO Enable/Disable Configuration (J1)
Table 2. MODE Description (J2)
*Default position
*Default position
SHUNT POSITION
EN PIN
MAXM17536_OUTPUT
1-2
Connected to GND
Disabled
Not installed*
Connected to the center node of
resistor-divider 3.32MΩ and R3
Enabled, UVLO level set through
the 3.32MΩ and R3 resistors
SHUNT POSITION
MODE PIN
MAXM17536_MODE
Not installed
Unconnected
PFM mode of operation
1-2
Connected to VCC
DCM mode of operation
2-3*
Connected to GND
PWM mode of operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com