Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536EVKIT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXM17536EVKIT
Description  MAXM17536 5V Output Evaluation Kit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536EVKIT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXM17536EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAXM17536 5V Output
MAXM17536 5V Output
Evaluation Kit
EXTVCC Linear Regulator
Powering VCC of the IC from EXTVCC increases
the efficiency of the power converter at higher input
voltages. If the applied EXTVCC voltage is greater than
4.7V (typ), VCC is powered from EXTVCC. If EXTVCC is
lower than 4.7V (typ), VCC is powered from VIN. Refer to
the MAXM17536 module data sheet for further information.
To connect EXTVCC to VOUT place the shunt across
pins 2-3 of jumper J3. Refer to Table 3 for summary of
EXTVCC jumper configurations.
Electro-Magnetic Interference (EMI)
Compliance to conducted emissions (CE) standards
requires an EMI filter at the input of a switching power
converter. The EMI filter attenuates high-frequency
cur¬rents drawn by the switching power converter, and
limits the noise injected back into the input power source.
Use of EMI filter components, as shown in the EV kit
schematic, results in lower conducted emissions below
CISPR22 Class B limits. The MAXM17536EVKIT# PCB
layout is also designed to limit radiated emissions from
switching nodes of the power converter resulting in radiated
emissions below CISPR22 Class B limits. Further, capacitors
150pF/100V and 0.1μF/100V placed near the input of the
board helps in attenuating high-frequency noise.
Hot-Plug-In and Long Input Cables
The MAXM17536EVKIT# PCB provides an electrolytic
capacitor (C24, 47μF/80V) to dampen input voltage peaks
and oscillations that can arise during hot-plug-in and/or
due to long input cables. This capacitor limits the peak
voltage at the input of the MAXM17536 power module,
when the EV kit is powered directly from a precharged
capacitive source or an industrial backplane PCB. Long
input cables, between input power source and the EV
kit circuit can cause input-voltage oscillations due to the
inductance of the cables. The equivalent series resistance
(ESR) of the electrolytic capacitor helps damp out the
oscillations caused by long input cables.
Table 3. EXTVCC Configuration (J3)
*Default position
SHUNT POSITION
EXTVCC PIN
EXTVCC FUNCTION
Not installed
Unconnected
VCC Powered by VIN
1-2
Connected to GND
VCC Powered by VIN
2-3*
Connected to VOUT
VCC Powered by VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com