Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536EVKIT Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAXM17536EVKIT
Description  MAXM17536 5V Output Evaluation Kit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536EVKIT Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAXM17536EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAXM17536 5V Output
MAXM17536 5V Output
Evaluation Kit
0
10
20
30
40
50
60
70
80
90
100
0
1000
2000
3000
4000
LOAD CURRENT (mA)
EFFICIENCY vs. LOAD CURRENT
(5V OUTPUT, PWM MODE, fSW= 450kHz)
VIN = 36V
VIN = 12V
VIN = 24V
toc01
VIN = 48V
VIN = 60V
VIN = 7.5V
4.970
4.975
4.980
4.985
4.990
4.995
5.000
0
1000
2000
3000
4000
LOAD CURRENT (mA)
OUTPUT VOLTAGE vs. LOAD CURRENT
(5V OUTPUT, PWM MODE, fSW= 450kHz)
VIN = 24V
VIN = 60V
toc04
VIN = 48V
VIN = 12V
VIN = 7.5V
VIN = 36V
2V/div
5V/div
toc07
4ms/div
POWER-UP AND DOWN THROUGH EN/UVLO
(VIN = 24V, VOUT = 5V, IOUT = 4A, PWM MODE)
5V/div
IOUT
5A/div
VEN/UVLO
VOUT
VRESET
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
LOAD CURRENT (mA)
EFFICIENCY vs. LOAD CURRENT
(5V OUTPUT, DCM MODE, fSW = 450kHz)
VIN = 36V
VIN = 12V
VIN = 24V
toc03
VIN = 60V
VIN = 48V
VIN = 7.5V
toc06
2
µs/div
STEADY-STATE SWITCHING WAVEFORMS
(VIN = 24V, VOUT = 5V, IOUT = 4A, PWM MODE)
VOUT (AC)
20mV/div
10V/div
VLX
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
LOAD CURRENT (mA)
EFFICIENCY vs. LOAD CURRENT
(5V OUTPUT, PFM MODE, fSW = 450kHz)
VIN = 36V
VIN = 12V
VIN = 24V
toc02
VIN = 48V
VIN = 60V
VIN = 7.5V
4.970
4.990
5.010
5.030
5.050
5.070
5.090
5.110
5.130
5.150
0
1000
2000
3000
4000
LOAD CURRENT (mA)
OUTPUT VOLTAGE vs. LOAD CURRENT
(5V OUTPUT, PFM MODE, fSW = 450kHz)
VIN = 24V
VIN = 7.5V
toc05
VIN = 36V
VIN = 12V
VIN = 48V
VIN = 60V
MAXM17536EVKIT# Performance Report



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com