Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXM17536EVKIT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAXM17536EVKIT
Description  MAXM17536 5V Output Evaluation Kit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXM17536EVKIT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAXM17536EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAXM17536EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MAXM17536 5V Output
Evaluation Kit
Evaluates: MAXM17536 5V Output
General Description
The Himalaya series of voltage regulator ICs and power
modules enable cooler, smaller, and simpler power-supply
solutions. The MAXM17536EVKIT# 5V-output evaluation
kit (EV kit) is a demonstration circuit of the MAXM17536
60V, 4A high-efficiency, current-mode, synchronous step-
down DC-DC switching power module. The EV kit operates
over a wide input-voltage of 7V to 60V and provides up
to 4A load current with a 5V-output voltage. The EV kit
is programmed to switch at a frequency of 450kHz. The
module is simple to use and easily configurable with minimal
external components. It features cycle-by-cycle peak
current-limit protection, undervoltage lockout (EN/UVLO),
and thermal shutdown.
The EV kit comes with the compact 29-pin 15mm x 9mm x
4.32mm SiP package MAXM17536 module installed and
is rated to operate over the full industrial -40°C to +125°C
temperature range.
The MAXM17536 module data sheet provides a complete
description of the part that should be read in conjunction
with this data sheet prior to operating the EV kit. For full
module features, benefits and parameters, refer to the
MAXM17536 data sheet.
Features
● Wide 7V to 60V Input Range
● Highly Integrated Solution with Built-In Shielded
Inductor
● Programmed 5V Output, Up To 4A Output Current
● 450kHz Switching frequency
● MAXM17536 Offers High 92.1% Efficiency
(VIN = 24V, VOUT = 5V, IOUT = 2.5A)
● All Ceramic Capacitors and Ultra-Compact Solution
● Selectable PWM, DCM, and PFM Modes
● Programmable 4ms Soft-Start Time and Prebias
Startup
● Open-Drain RESET Output Pulled Up To 5V VCC
● Programmable EN/UVLO Threshold
● Provision for External Frequency Synchronization
● Hiccup Overcurrent Protection (OCP)
● Overtemperature Protection (OTP)
● -40°C to +125°C Industrial Temperature Range
● Complies with CISPR22 (EN55022) Class B
Conducted and Radiated Emissions
319-100437; Rev 0; 9/19
Ordering Information appears at end of data sheet.
Quick Start
Recommended Equipment
● MAXM17536EVKIT# evaluation kit
● 7V to 60V DC, 4A power supply
● Dummy load capable of sinking 4A
● Digital voltmeter (DVM)
● 100MHz dual-trace oscilloscope
Equipment Setup and Test Procedure
The MAXM17536EVKIT# is fully assembled and tested.
Follow the steps below to verify board operation.
Caution:
Do not turn on the power supply until all connections
are completed.
1) Set the power supply at a voltage between 7V and
60V. Disable the power supply.
2) Connect the positive and negative terminals of the
power supply to VIN and GND PCB pads, respectively.
3) Connect the positive and negative terminals of the 4A
load to VOUT and GND PCB pads, respectively. Set
the load to 0A.
4) Connect the DVM across the VOUT PCB pad and the
GND PCB pad.
5) Verify that shunts are not installed on jumper J1 (see
Table 1 for details).
6) Select the shunt position on jumper J2 according to the
intended mode of operation (see Table 2 for details).
7) Enable the input power supply.
8) Verify that the DVM displays 5V.
9) Increase the load up to 4A to verify the output voltage
is 5V using DVM.
Click
here for production status of specific part numbers.


Similar Part No. - MAXM17536EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXM17536 MAXIM-MAXM17536 Datasheet
1Mb / 22P
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
Rev 1; 8/19
MAXM17536ALY MAXIM-MAXM17536ALY Datasheet
1Mb / 22P
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
Rev 1; 8/19
MAXM17536ALYT MAXIM-MAXM17536ALYT Datasheet
1Mb / 22P
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
Rev 1; 8/19
More results

Similar Description - MAXM17536EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
Evaluation Kit
Rev 1; 2/98
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
Evaluation Kit
Rev 0; 9/02
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
Evaluation Kit
Rev 0; 11/03
MAX8632_0510 MAXIM-MAX8632_0510 Datasheet
893Kb / 9P
Evaluation Kit
Rev 0; 10/05
logo
List of Unclassifed Man...
WT12 ETC2-WT12 Datasheet
331Kb / 15P
EVALUATION KIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com