Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX49921 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX49921
Description  0 to 70V, High-Precision Current-Sense Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX49921 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX49921 Datasheet HTML 1Page - Maxim Integrated Products MAX49921 Datasheet HTML 2Page - Maxim Integrated Products MAX49921 Datasheet HTML 3Page - Maxim Integrated Products MAX49921 Datasheet HTML 4Page - Maxim Integrated Products MAX49921 Datasheet HTML 5Page - Maxim Integrated Products MAX49921 Datasheet HTML 6Page - Maxim Integrated Products MAX49921 Datasheet HTML 7Page - Maxim Integrated Products MAX49921 Datasheet HTML 8Page - Maxim Integrated Products MAX49921 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX49921 is high-precision, unidirectional current-
sense amplifier (CSA) with an operating input common-
mode range from 0 to +70V, though the device is pro-
tected against input common-mode voltages down to -42V
and up to +80V, thus providing protection against reverse-
battery and high-voltage spikes. The MAX49921 is well-
suited for current monitoring of inductive loads, such as
DC motors and solenoids, where common-mode voltages
can become negative due to inductive kickback, reverse-
battery conditions, or transient events.
The low input offset of ±0.5μV (typ) and low gain error of
±0.05% (typ) make this device best-suited for high-preci-
sion current measurements.
The MAX49921 operates from a supply voltage of +2.7V
to +5.5V with a typical quiescent supply at 0.7mA. This
device is specified over the full -40°C to +125°C automo-
tive temperature range and is AEC-Q100 qualified. The
MAX49921 is offered in a 2mm x 3mm, 8-pin, side-wet-
table TDFN package with gain options of 20V/V and
50V/V.
Applications
● Solenoid Current Sensing
● Battery Current Monitoring
● Current Monitoring of Inductive Loads
● High- and Low-Side Precision Current Sensing
● Supercapacitor Charge/Discharge Monitoring
● Precision High-Voltage Current Monitoring
● Automotive Current Sensing
Benefits and Features
● AEC-Q100 Qualified for Automotive Applications
● ±0.5μV (typ) Input Offset Voltage
● ±0.05% (typ) Gain Error
● 0 to +70V Input Voltage Range
● -42V to +80V Protective Immunity
● 65kHz, -3dB Bandwidth
● 140dB DC CMRR
● Gain Options: 20V/V, 50V/V
● Rail-to-Rail Output
● 2mm x 3mm, 8-Pin TDFN Package
● -40°C to +125°C Automotive Temperature Range
Ordering Information appears at end of data sheet.
Simplified Block Diagram
LEVEL
SHIFTING
VDD
GND
MAX49921
MAX49921
RS-
RS+
OUT
Click here to ask an associate for production status of specific part numbers.
MAX49921
0 to 70V, High-Precision Current-Sense
Amplifier
EVALUATION KIT AVAILABLE
Ordering Information appears at end of data sheet.
19-100848; Rev 1; 9/21
© 2021 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887 U.S.A. | Tel: 781.329.4700 | © 2021 Analog Devices, Inc. All rights reserved.


Similar Part No. - MAX49921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX49921 MAXIM-MAX49921 Datasheet
690Kb / 6P
Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
logo
Analog Devices
MAX49921 AD-MAX49921 Datasheet
460Kb / 14P
0 to 70V, High-Precision Current-Sense Amplifier
Rev 1 9/21
logo
Maxim Integrated Produc...
MAX49921EVKIT MAXIM-MAX49921EVKIT Datasheet
690Kb / 6P
Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
MAX49921EVKIT# MAXIM-MAX49921EVKIT# Datasheet
690Kb / 6P
Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
logo
Analog Devices
MAX49921FATA/VY+ AD-MAX49921FATA/VY+ Datasheet
460Kb / 14P
0 to 70V, High-Precision Current-Sense Amplifier
Rev 1 9/21
More results

Similar Description - MAX49921

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
Precision High Voltage Current Sense Amplifier
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
Precision High Voltage Current Sense Amplifier
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
Precision Current-Sense Amplifier
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
SOT23 Precision Current-Sense Amplifier
logo
Monolithic Power System...
MP8110 MPS-MP8110 Datasheet
301Kb / 10P
Precision High-Side Current-Sense Amplifier
EV8110DS-00A MPS-EV8110DS-00A Datasheet
153Kb / 4P
Precision High-Side Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com