Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX49921 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX49921
Description  0 to 70V, High-Precision Current-Sense Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX49921 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX49921 Datasheet HTML 1Page - Maxim Integrated Products MAX49921 Datasheet HTML 2Page - Maxim Integrated Products MAX49921 Datasheet HTML 3Page - Maxim Integrated Products MAX49921 Datasheet HTML 4Page - Maxim Integrated Products MAX49921 Datasheet HTML 5Page - Maxim Integrated Products MAX49921 Datasheet HTML 6Page - Maxim Integrated Products MAX49921 Datasheet HTML 7Page - Maxim Integrated Products MAX49921 Datasheet HTML 8Page - Maxim Integrated Products MAX49921 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Electrical Characteristics (VDD = 5V) (continued)
(VRS+ = VRS- = +50V, VDD = +5V, VSENSE = VRS+ - VRS- = 1mV, TA = -40°C to +125°C, unless otherwise noted. Typical values are
at TA = +25°C. (Note 1) )
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Swing
Low
VOL
Sink 500μA
15
mV
No load
4
Output Short-Circuit
Current
ISC
Shorted to either VDD or GND
55
mA
CURRENT-SENSE AMPLIFIER / AC CHARACTERISTICS
Signal Bandwidth
BW-3dB
All gain configurations VSENSE > 5mV
65
kHz
Output Slew Rate
SR
2VP-P output square wave, centered at
1.5V
0.25
V/µs
AC Power-Supply
Rejection Ratio
AC PSRR
f = 200kHz
35
dB
AC Common-Mode
Rejection Ratio
AC CMRR
f = 200kHz, 100mV sine wave
58
dB
Capacitive Load Stability
CLOAD
With 250Ω isolation resistor
20
nF
Without any isolation resistor
200
pF
Input Voltage Noise
Density
en
At 1kHz
75
nV/√Hz
Settling Time (Settling to
0.1%)
tS
VSENSE steps from 20% FS to 80% FS
(tR = tF = 5μs), CL = 20pF
20
µs
Note 1: All devices are 100% production tested at TA = +25°C. Limits over the operating temperature range and relevant supply
voltage range are guaranteed by design and characterization.
Note 2: Output is high-Z during power-up.
Note 3: Guaranteed by design, not final production tested.
Note 4: Gain and offset voltage are calculated based on two point measurements: VSENSE1 and VSENSE2. VSENSE1 = 5mV and
VSENSE2 = 40mV for G = 50V/V. VSENSE1 = 10mV and VSENSE2 = 100mV for G = 20V/V.
MAX49921
0 to 70V, High-Precision Current-Sense Amplifier
www.analog.com
Analog Devices | 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com