Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX49921 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX49921
Description  0 to 70V, High-Precision Current-Sense Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX49921 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX49921 Datasheet HTML 6Page - Maxim Integrated Products MAX49921 Datasheet HTML 7Page - Maxim Integrated Products MAX49921 Datasheet HTML 8Page - Maxim Integrated Products MAX49921 Datasheet HTML 9Page - Maxim Integrated Products MAX49921 Datasheet HTML 10Page - Maxim Integrated Products MAX49921 Datasheet HTML 11Page - Maxim Integrated Products MAX49921 Datasheet HTML 12Page - Maxim Integrated Products MAX49921 Datasheet HTML 13Page - Maxim Integrated Products MAX49921 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Applications Information
Recommended Component Values
Ideally, the maximum load current develops the full-scale sense voltage across the current-sense resistor. Choose the
gain needed to yield the maximum output voltage required for the application using the following equation:
VOUT = VFS x AV
where VFS is the full-scale sense voltage, 100mV for gain of 20V/V, 90mV for gain of 50V/V, and AV is the gain of the
device.
The MAX49921 senses a wide variety of currents with different sense-resistor values. In applications monitoring a high
current, ensure that RSENSE is able to dissipate its own I2R loss. If the resistor’s power dissipation exceeds the nominal
value, its value may drift or it may fail altogether.
Choosing the Sense Resistor
Choose RSENSE based on the following criteria:
Voltage Loss
A high RSENSE value causes the power source voltage to degrade through IR loss. For minimal voltage loss, use the
lowest RSENSE value.
Accuracy
A high RSENSE value allows lower currents measured more accurately. This is due to offsets becoming less significant
when the sense voltage is larger. For best performance, select RSENSE to provide approximately 100mV (gain of 20V/
V), 90mV (gain of 50V/V) of sense voltage for the full-scale current in each application.
Efficiency and Power Dissipation
At high current levels, the I2R losses in RSENSE can be significant. Consider this when choosing the resistor value and
its power dissipation (wattage) rating. In addition, the sense resistor’s value might drift if it heats up excessively.
Stray Inductance
The stray inductance due to package parasitics in the current sense resistor should be kept to a minimum. The
unwanted voltage error produced by the stray inductance is proportional to the magnitude of the load current. Wire-wound
resistors have the highest inductance, while metal film is comparably better. Low-inductance, metal-film resistors are also
available. Instead of being spiral wrapped around a core, as in metal-film or wire-wound resistors, they are straight bands
of metal and are available in values under 100mΩ.
Important Considerations
Due to the high currents that may flow through RSENSE, be sure to eliminate solder and parasitic trace resistance to
keep from causing errors in the sense voltage. Either use a four-terminal current sense resistor or use Kelvin (force and
sense) PCB layout techniques.
Power-Supply Bypassing
Power-supply bypass capacitors are recommended for best performance and should be placed as close as possible
to the supply VDD and ground terminals of the device. A typical value for this supply bypass capacitor is 0.1μF (NP0/
C0G type) close to the VDD/GND pins. The capacitors should be rated for at least twice the maximum expected applied
voltage. Applications with noisy or high-impedance power supplies may require additional decoupling capacitors to reject
power-supply noise.
MAX49921
0 to 70V, High-Precision Current-Sense Amplifier
www.analog.com
Analog Devices | 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com