Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX49921 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX49921
Description  0 to 70V, High-Precision Current-Sense Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX49921 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX49921 Datasheet HTML 6Page - Maxim Integrated Products MAX49921 Datasheet HTML 7Page - Maxim Integrated Products MAX49921 Datasheet HTML 8Page - Maxim Integrated Products MAX49921 Datasheet HTML 9Page - Maxim Integrated Products MAX49921 Datasheet HTML 10Page - Maxim Integrated Products MAX49921 Datasheet HTML 11Page - Maxim Integrated Products MAX49921 Datasheet HTML 12Page - Maxim Integrated Products MAX49921 Datasheet HTML 13Page - Maxim Integrated Products MAX49921 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Typical Application Circuits
Solenoid Current Measurement
A solenoid is used to convert electrical energy into a mechanical movement to position an object like a car window. The
following figure shows the example circuit that uses the MAX49921 to measure the current in the solenoid with a low-
side shunt-sensing resistor. Even if the power supply is connected in reverse, the MAX49921 can still withstand up to
-42V without needing a reverse-protection diode.
5V
POWER SUPPLY
LEVEL
SHIFTING
VDD
GND
MAX49921
MAX49921
RS+
RS-
OUT
SOLENOID
CONTROLLER
ADC
DC Motor Current Measurement
The following figure shows an example of high-side current sensing in a DC motor with the MAX49921. The high
common-mode voltage range of the MAX49921 makes it capable of surviving the kick-back voltages in motor switching.
The device is also protected up to -42V in case a reverse-battery connection occurs.
5V
POWER
SUPPLY
LEVEL
SHIFTING
VDD
GND
MAX49921
MAX49921
RS+
RS-
OUT
DC
MOTOR
ADC
M
M
CONTROLLER
MAX49921
0 to 70V, High-Precision Current-Sense Amplifier
www.analog.com
Analog Devices | 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com