Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX49921 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX49921
Description  0 to 70V, High-Precision Current-Sense Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX49921 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX49921 Datasheet HTML 1Page - Maxim Integrated Products MAX49921 Datasheet HTML 2Page - Maxim Integrated Products MAX49921 Datasheet HTML 3Page - Maxim Integrated Products MAX49921 Datasheet HTML 4Page - Maxim Integrated Products MAX49921 Datasheet HTML 5Page - Maxim Integrated Products MAX49921 Datasheet HTML 6Page - Maxim Integrated Products MAX49921 Datasheet HTML 7Page - Maxim Integrated Products MAX49921 Datasheet HTML 8Page - Maxim Integrated Products MAX49921 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical Characteristics (VDD = 5V)
(VRS+ = VRS- = +50V, VDD = +5V, VSENSE = VRS+ - VRS- = 1mV, TA = -40°C to +125°C, unless otherwise noted. Typical values are
at TA = +25°C. (Note 1) )
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER-SUPPLY CHARACTERISTICS
Supply Voltage
VDD
Guaranteed by PSRR
2.7
5.5
V
Supply Current
IDD
No loads
0.7
1
mA
Power-Up Time (Note 2)
tPWR_UP
Output settles to 1%
200
µs
CURRENT-SENSE AMPLIFIER / DC CHARACTERISTICS
Input-Protected
Common-Mode Range
VCM_P
(Note 3)
-42
+80
V
Input Common-Mode
Range
VCM
Guaranteed by CMRR
0
+70
V
Input Bias Current
IRS+ , IRS-
(Note 3)
0.1
μA
Input Offset Current
IRS+ - IRS-
(Note 3)
0.1
µA
Input Leakage Current
IRS+, IRS-
VDD = 0V, VRS± = 70V (Note 3)
0.1
μA
Input Offset Voltage
VOS
G = 20V/V
TA = +25ºC
±0.5
±30
μV
-40ºC ≤ TA ≤ +85ºC
±50
-40ºC ≤ TA
+125ºC
±60
G = 50V/V
TA = +25°C
±0.5
±12
-40°C ≤ TA
+85°C
±20
-40°C ≤ TA
+125°C
±50
Input Offset Voltage Drift
TCVOS
380
nV/°C
Power-Supply Rejection
Ratio
PSRR
2.7V ≤ VDD ≤ 5.5V
108
dB
Common-Mode
Rejection Ratio
CMRR
0 ≤ VCM ≤ +70V
-40°C ≤ TA
+85°C
130
140
dB
-40°C ≤ TA
+125°C
125
140
Input Capacitance
CIN
RS+, RS- input
3
pF
Input Sense Voltage
VSENSE
G = 20V/V (MAX49921T)
100
mV
G = 50V/V (MAX49921F)
90
Gain
G
Full-scale (FS) VSENSE = 100mV
(MAX49921T)
20
V/V
FS VSENSE = 90mV (MAX49921F)
50
Gain Error (Note 4)
GE
TA = +25°C
±0.05
±0.1
%
-40°C ≤ TA ≤ +85°C
±0.15
-40°C ≤ TA ≤ +125°C
±0.2
Nonlinearlity Error
10mV ≤ VSENSE ≤ 95mV
0.1
%
Output Resistance
ROUT
VOUT = VDD/2, IOUT = ±500μA
0.2
Ω
Output Voltage Swing
High
VOH
Source 500μA
VDD -
0.015
V
MAX49921
0 to 70V, High-Precision Current-Sense Amplifier
www.analog.com
Analog Devices | 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com