Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX49921 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX49921
Description  0 to 70V, High-Precision Current-Sense Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX49921 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX49921 Datasheet HTML 6Page - Maxim Integrated Products MAX49921 Datasheet HTML 7Page - Maxim Integrated Products MAX49921 Datasheet HTML 8Page - Maxim Integrated Products MAX49921 Datasheet HTML 9Page - Maxim Integrated Products MAX49921 Datasheet HTML 10Page - Maxim Integrated Products MAX49921 Datasheet HTML 11Page - Maxim Integrated Products MAX49921 Datasheet HTML 12Page - Maxim Integrated Products MAX49921 Datasheet HTML 13Page - Maxim Integrated Products MAX49921 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Detailed Description
The MAX49921 is a high-precision, current-sense amplifier (CSA) with an operating input common-mode range from 0 to
+70V, though the device is protected against input common-mode voltages down to -42V and up to +80V, thus providing
protection against reverse-battery and high-voltage spikes. The CSA is well-suited for current monitoring of inductive
loads such as DC motors and solenoids, where common-mode voltages can become negative due to inductive kickback,
reverse-battery conditions, or transient events.
The low input offset of ±0.5μV (typ) and low gain error of ±0.05% (typ) make the device best-suited for high-precision
current measurements. The MAX49921 runs from a single supply voltage of +2.7V to +5.5V, consumes 0.7mA (typ)
quiescent supply current, and features gains of 20V/V and 50V/V.
The MAX49921 is designed for unidirectional operation, allowing current measurements in one direction through the
sense resistor RSENSE. The device output voltage can be estimated as follows:
VOUT = VSENSE x AV
where VSENSE = (VRS+ - VRS-) = the sense voltage across the RSENSE resistor, 100mV for gain of 20V/V, 90mV for
gain of 50V/V, and AV is the gain of the device.
MAX49921
0 to 70V, High-Precision Current-Sense Amplifier
www.analog.com
Analog Devices | 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com