Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2941AWT Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC2941AWT
Description  1.25A Low Dropout Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2941AWT Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC2941AWT Datasheet HTML 16Page - Microchip Technology MIC2941AWT Datasheet HTML 17Page - Microchip Technology MIC2941AWT Datasheet HTML 18Page - Microchip Technology MIC2941AWT Datasheet HTML 19Page - Microchip Technology MIC2941AWT Datasheet HTML 20Page - Microchip Technology MIC2941AWT Datasheet HTML 21Page - Microchip Technology MIC2941AWT Datasheet HTML 22Page - Microchip Technology MIC2941AWT Datasheet HTML 23Page - Microchip Technology MIC2941AWT Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006000B-page 21
MIC2940A/41A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC2940A-3.3WT:
MIC2940A, 3.3V Output
Voltage, –40°C to +125°C
Temperature Range, 3-Lead
TO-220, 50/Tube
b) MIC2940A-3.3WU-TR: MIC2940A, 3.3V Output
Voltage, –40°C to +125°C
Temperature Range, 3-Lead
TO-263, 750/Reel
c) MIC2940A-5.0WU:
MIC2940A, 5.0V Output
Voltage, –40°C to +125°C
Temperature Range, 3-Lead
TO-263, 50/Tube
d) MIC2940A-12WT:
MIC2940A, 12V Output
Voltage, –40°C to +125°C
Temperature Range, 3-Lead
TO-220, 50/Tube
e) MIC2940A-12WU-TR:
MIC2940A, 12V Output
Voltage, –40°C to +125°C
Temperature Range, 3-Lead
TO-263, 750/Reel
f) MIC2941AWT:
MIC2941A, Adjustable Output
Voltage, –40°C to +125°C
Temperature Range, 3-Lead
TO-220, 50/Tube
g) MIC2941AWU:
MIC2941A, Adjustable Output
Voltage, –40°C to +125°C
Temperature Range, 5-Lead
TO-263, 50/Tube
h) MIC2941AWU-TR:
MIC2941A, Adjustable Output
Voltage, –40°C to +125°C
Temperature Range, 5-Lead
TO-263, 750/Reel
Device:
MIC2940A:
1.25A Low Dropout Voltage Regulator,
Fixed Output Voltage
MIC2941A:
1.25A Low Dropout Voltage Regulator,
Adjustable Output Voltage + Shutdown
Output Voltage:
3.3 =
3.3V (MIC2940A only)
5.0 =
5.0V (MIC2940A only)
12
=
12V (MIC2940A only)
<blank>=
Adjustable (MIC2941A only)
Junction
Temperature
Range:
W
=
–40°C to +125°C, RoHS-Compliant*
Package:
T
=
3-Lead TO-220 (MIC2940A)
5-Lead TO-220 (MIC2941A)
U
=
3-Lead TO-263 (MIC2940A)
5-Lead TO-263 (MIC2941A)
Media Type:
<blank>= 50/Tube
TR =
750/Reel (TO-263 Package only)
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
Device
-X.X
X
X
-XX
Part No.
Output
Voltage
Junction
Temp. Range
Package
Media Type
* RoHS-compliant with “high-melting solder” exemption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com