Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2941AWT Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC2941AWT
Description  1.25A Low Dropout Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2941AWT Datasheet(HTML) 4 Page - Microchip Technology

  MIC2941AWT Datasheet HTML 1Page - Microchip Technology MIC2941AWT Datasheet HTML 2Page - Microchip Technology MIC2941AWT Datasheet HTML 3Page - Microchip Technology MIC2941AWT Datasheet HTML 4Page - Microchip Technology MIC2941AWT Datasheet HTML 5Page - Microchip Technology MIC2941AWT Datasheet HTML 6Page - Microchip Technology MIC2941AWT Datasheet HTML 7Page - Microchip Technology MIC2941AWT Datasheet HTML 8Page - Microchip Technology MIC2941AWT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MIC2940A/41A
DS20006000B-page 4
2018 - 2022 Microchip Technology Inc. and its subsidiaries
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Power Dissipation (PD).............................................................................................................. Internally Limited, Note 1
Input Supply Voltage ................................................................................................................................... –20V to +60V
Adjust Input Voltage (Note 2, Note 3)......................................................................................................... –1.5V to +26V
Shutdown Input Voltage ............................................................................................................................. –0.3V to +30V
Error Comparator Output Voltage............................................................................................................... –0.3V to +30V
Operating Ratings ‡
Input Supply Voltage (Note 4) ....................................................................................................................... +2V to +26V
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA)/θJA.
Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the reg-
ulator will go into thermal shutdown.
2: Circuit of MIC2941A Adjustable Regulator in the Typical Application Circuits section (upper right) with R1 ≥
150 kΩ. VSHUTDOWN ≥ 2V and VIN ≤ 26V, VOUT = 0.
3: When used in dual supply systems where the regulator load is returned to a negative supply, the output volt-
age must be diode clamped to ground.
4: Across the full operating temperature, the minimum input voltage range for full output current is 4.3V to 26V.
Output will remain in regulation at lower output voltages and low current loads down to an input of 2V at
25°C.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Limits in standard typeface are for TJ = +25°C and limits in boldface apply over the full
operating temperature range. Unless otherwise specified, VIN = VOUT + 1V, IL = 1000 mA, CL = 10 μF. The MIC2941A
is programmed to output 5V and has VSHUTDOWN 0.6V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Output Voltage Accuracy
VO
–1
—
1
%
—
–2
—
2
—
–2.5
—
2.5
5mA ≤ IL ≤ 1A
Output Voltage Temperature
Coefficient
ΔVO/ΔT
—
20
100
ppm/°C Note 1
Line Regulation
ΔVO/VO
—
0.06
0.50
%
IO = 10 mA,
(VOUT + 1V) ≤ VIN ≤ 26V
Load Regulation
—
0.04
0.16
IL = 5 mA to 1.25A
—
—
0.20
IL = 5 mA to 1A, Note 2
Dropout Voltage, Note 3
VIN – VO
—
60
150
mV
IL = 5 mA
—
—
180
—
200
250
IL = 250 mA
—
—
320
—
350
450
IL = 1000 mA
—
—
600
—
400
600
IL = 1250 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com