Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2941AWT Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC2941AWT
Description  1.25A Low Dropout Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2941AWT Datasheet(HTML) 5 Page - Microchip Technology

  MIC2941AWT Datasheet HTML 1Page - Microchip Technology MIC2941AWT Datasheet HTML 2Page - Microchip Technology MIC2941AWT Datasheet HTML 3Page - Microchip Technology MIC2941AWT Datasheet HTML 4Page - Microchip Technology MIC2941AWT Datasheet HTML 5Page - Microchip Technology MIC2941AWT Datasheet HTML 6Page - Microchip Technology MIC2941AWT Datasheet HTML 7Page - Microchip Technology MIC2941AWT Datasheet HTML 8Page - Microchip Technology MIC2941AWT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006000B-page 5
MIC2940A/41A
Ground Pin Current, Note 4
IGND
—
240
500
µA
IL = 5 mA
—
3
4.5
mA
IL = 250 mA
—
—
6
—
22
35
IL = 1000 mA
—
—
45
—
35
70
IL = 1250 mA
Ground Pin Current at
Dropout, Note 4
IGNDDO
—
330
600
µA
VIN = 0.5V less than designed VOUT
(VOUT 3.3), IL = 5 mA
Current-Limit
ILIMIT
—
1.6
3.5
A
VOUT = 0V, Note 5
Thermal Regulation
ΔVO/ΔPD
—
0.05
0.2
%/W
Note 6
Output Noise Voltage
(10 Hz to 100 kHz)
IL = 100 mA
en
—
400
—
µVRMS
CL = 10 µF
—
260
—
CL = 33 µF
Electrical Characteristics for MIC2941A Only
Reference Voltage
VREF
1.223
1.235
1.247
V
Note 7
1.210
—
1.260
1.204
—
1.266
Adjust Pin Bias Current
IBIAS
—
20
40
nA
—
—
—
60
Reference Voltage
Temperature Coefficient
ΔVREF/ΔT
—
20
—
ppm/°C —
Adjust Pin Bias Current
Temperature Coefficient
ΔIBIAS/ΔT
—
0.1
—
nA/°C
—
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Limits in standard typeface are for TJ = +25°C and limits in boldface apply over the full
operating temperature range. Unless otherwise specified, VIN = VOUT + 1V, IL = 1000 mA, CL = 10 μF. The MIC2941A
is programmed to output 5V and has VSHUTDOWN 0.6V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com