Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2941AWT Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC2941AWT
Description  1.25A Low Dropout Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2941AWT Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC2941AWT Datasheet HTML 2Page - Microchip Technology MIC2941AWT Datasheet HTML 3Page - Microchip Technology MIC2941AWT Datasheet HTML 4Page - Microchip Technology MIC2941AWT Datasheet HTML 5Page - Microchip Technology MIC2941AWT Datasheet HTML 6Page - Microchip Technology MIC2941AWT Datasheet HTML 7Page - Microchip Technology MIC2941AWT Datasheet HTML 8Page - Microchip Technology MIC2941AWT Datasheet HTML 9Page - Microchip Technology MIC2941AWT Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MIC2940A/41A
DS20006000B-page 6
2018 - 2022 Microchip Technology Inc. and its subsidiaries
Shutdown Input
Input Logic Voltage
VIL
—
1.3
0.7
V
Low (ON)
VIH
2.0
—
—
High (OFF)
Shutdown Pin Input Current
ISHDN
—
30
50
µA
VSHUTDOWN = 2.4V
—
—
100
—
450
600
VSHUTDOWN = 26V
—
—
750
Regulator Output Current in
Shutdown
IOUT(SHDN)
—
3
30
µA
Note 8
—
—
60
Note 1: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total
temperature range.
2: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Changes in
output voltage due to heating effects are covered by the thermal regulation specification.
3: Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV
below its nominal value measured at 1V differential. At low values of programmed output voltage, the min-
imum input supply voltage of 4.3V over temperature must be taken into account.
4: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum
of the load current plus the ground pin current.
5: The MIC2940A features fold-back current limiting. The short-circuit (VOUT = 0V) current-limit is less than
the maximum current with normal output voltage.
6: Thermal regulation is defined as the change in output voltage at a time (T) after a change in power dissi-
pation is applied, excluding load or line regulation effects. Specifications are for a 200 mA load pulse at
VIN = 20V (a 4W pulse) for T = 10 ms.
7: VREF ≤ VOUT ≤ (VIN – 1 V), 4.3V ≤ VIN 26V, 5 mA < IL ≤ 1.25A, TJ ≤ TJ(MAX).
8: When used in dual supply systems where the regulator load is returned to a negative supply, the output
voltage must be diode clamped to ground.
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Limits in standard typeface are for TJ = +25°C and limits in boldface apply over the full
operating temperature range. Unless otherwise specified, VIN = VOUT + 1V, IL = 1000 mA, CL = 10 μF. The MIC2941A
is programmed to output 5V and has VSHUTDOWN 0.6V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com