Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2941AWT Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC2941AWT
Description  1.25A Low Dropout Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2941AWT Datasheet(HTML) 3 Page - Microchip Technology

  MIC2941AWT Datasheet HTML 1Page - Microchip Technology MIC2941AWT Datasheet HTML 2Page - Microchip Technology MIC2941AWT Datasheet HTML 3Page - Microchip Technology MIC2941AWT Datasheet HTML 4Page - Microchip Technology MIC2941AWT Datasheet HTML 5Page - Microchip Technology MIC2941AWT Datasheet HTML 6Page - Microchip Technology MIC2941AWT Datasheet HTML 7Page - Microchip Technology MIC2941AWT Datasheet HTML 8Page - Microchip Technology MIC2941AWT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006000B-page 3
MIC2940A/41A
Functional Block Diagram
IN
FEEDBACK
OUT
SENSE
V TAP
SHDN
GND
ERROR
R30
30
Q40
Q42
Q6
Q1
10
R1
R2
Q41
R3
R4
R5
180
R6
140
R9
R8
R10
150
Q13
Q12
Q11
Q2
Q3
Q4
Q5
Q7
Q8
Q9
Q15A
R11
18
R11
20.6
C1
20
pF
R18
Q15A
Q16
Q17
Q20
Q21
Q14
Q25
Q26
Q24
Q22
Q23
R17
R15
R16
R17
Q19
Q18
Q29
Q28
R27
R28
R24
Q30
Q31
Q37
Q36
Q38
Q39
Q34
R22
R25
R26
R13
100
R14
350
R12
110
C2
40 pF
DENOTES CONNECTION ON FIXED
VOLTAGE VERSIONS ONLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com