Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2941AWT Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC2941AWT
Description  1.25A Low Dropout Voltage Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2941AWT Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC2941AWT Datasheet HTML 9Page - Microchip Technology MIC2941AWT Datasheet HTML 10Page - Microchip Technology MIC2941AWT Datasheet HTML 11Page - Microchip Technology MIC2941AWT Datasheet HTML 12Page - Microchip Technology MIC2941AWT Datasheet HTML 13Page - Microchip Technology MIC2941AWT Datasheet HTML 14Page - Microchip Technology MIC2941AWT Datasheet HTML 15Page - Microchip Technology MIC2941AWT Datasheet HTML 16Page - Microchip Technology MIC2941AWT Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
2018 - 2022 Microchip Technology Inc. and its subsidiaries
DS20006000B-page 13
MIC2940A/41A
4.0
APPLICATION INFORMATION
4.1
External Capacitors
A 10 μF (or greater) capacitor is required between the
MIC2940A output and ground to prevent oscillations
due to instability. Most types of tantalum or aluminum
electrolytics will be adequate; film types will work, but
are costly and therefore not recommended. Many
aluminum electrolytics have electrolytes that freeze at
about –30°C, so solid tantalums are recommended for
operation below –25°C. The important parameters of
the capacitor are an effective series resistance of about
5Ω or less and a resonant frequency above 500 kHz.
The value of this capacitor may be increased without
limit.
At lower values of output current, less output
capacitance is required for output stability. The
capacitor can be reduced to 3.3 μF for current below
100 mA or 2.2 μF for currents below 10 mA. Adjusting
the MIC2941A to voltages below 5V runs the error
amplifier at lower gains so that more output
capacitance is needed. For the worst-case situation of
a 1.25A load at 1.23V output (Output shorted to Adjust)
a 22 μF (or greater) capacitor should be used.
The MIC2940A will remain stable and in regulation with
load currents ranging from 5 mA on up to the full 1.25A
rating. The external resistors of the MIC2941A version
may be scaled to draw this minimum load current.
A 0.22 μF capacitor should be placed from the
MIC2940A input to ground if there is more than 10
inches of wire between the input and the AC filter
capacitor or if a battery is used as the input.
4.2
Programming the Output Voltage
(MIC2941A)
The MIC2941A may be programmed for any output
voltage between its 1.235V reference and its 26V
maximum rating. An external pair of resistors is
required, as shown in the MIC2941A Adjustable
Regulator Typical Application Circuit.
EQUATION 4-1:
The minimum recommended load current of 1 μA
forces an upper limit of 1.2 MΩ on the value of R2, if the
regulator must work with no load (a condition often
found in CMOS in standby), IFB will produce a –2%
typical error in VOUT which may be eliminated at room
temperature by trimming R1. For better accuracy,
choosing R2 = 100 kΩ reduces this error to 0.17%
while increasing the resistor program current to 12 μA.
Because the MIC2941A typically draws 100 μA at no
load with SHUTDOWN open-circuited, this is a
negligible addition.
4.3
Reducing Output Noise
In reference applications, it may be advantageous to
reduce the AC noise present at the output. One method
is to reduce the regulator bandwidth by increasing the
size of the output capacitor. This is relatively inefficient,
as increasing the capacitor from 1 μF to 220 μF only
decreases the noise from 430 μV to 160 μVRMS for a
100 kHz bandwidth at 5V output. Noise can be reduced
by a factor of four with the MIC2941A by adding a
bypass capacitor across R1.
EQUATION 4-2:
Pick a bypass capacitor of about 0.01 µF. When doing
this, the output capacitor must be increased to 22 μF to
maintain stability. These changes reduce the output
noise from 430 μV to 100 μVRMS for a 100 kHz
bandwidth at 5V output. With the bypass capacitor
added, noise no longer scales with output voltage so
that improvements are more dramatic at higher output
voltages.
4.4
Automotive Applications
The MIC2940A is ideally suited for automotive
applications for a variety of reasons. It will operate over
a wide range of input voltages with very low dropout
voltages (40 mV at light loads), and very low quiescent
currents (240 μA typical). These features are
necessary for use in battery powered systems, such as
automobiles. It is a “bulletproof” device with the ability
to survive both reverse battery (negative transients up
to 20V below ground), and load dump (positive
transients up to 60V) conditions. A wide operating
temperature range with low temperature coefficients is
yet another reason to use these versatile regulators in
automotive designs.
FIGURE 4-1:
ERROR Output Timing.
VOUT VREF 1 R1
R2
-------
+
IFB
–
R1
=
Where:
VREF = The nominal 1.235V reference voltage.
IFB = The adjust pin bias current (nom. 20 nA).
CBYPASS
1
2 R1
200Hz
------------------------------------------
=
NOT *
VALID
NOT *
VALID
OUTPUT
VOLTAGE
4.75V
ERROR
INPUT
VOLTAGE
5V
1.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com