Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EEX Datasheet(PDF) 141 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 141 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 137Page - STMicroelectronics SPC58EEX Datasheet HTML 138Page - STMicroelectronics SPC58EEX Datasheet HTML 139Page - STMicroelectronics SPC58EEX Datasheet HTML 140Page - STMicroelectronics SPC58EEX Datasheet HTML 141Page - STMicroelectronics SPC58EEX Datasheet HTML 142Page - STMicroelectronics SPC58EEX Datasheet HTML 143Page - STMicroelectronics SPC58EEX Datasheet HTML 144Page - STMicroelectronics SPC58EEX Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 154 page
background image
DS11646 Rev 4
141/154
SPC58EEx, SPC58NEx
Ordering information
143
5
Ordering information
Figure 55. Commercial product scheme
Note:
Please contact your ST sales office to ask for the availability of a particular commercial
product.
Features (For example flash, RAM or peripherals) not included in the commercial product
cannot be used. ST cannot be called to take any liability for features used outside the
commercial product.
Memory
Core Product
Package
84
NE
E7
Example code:
Product identifier
Q
SPC58
H
Frequency
A
Reserved
R
Packing
M
Security/
Reserved
Y= Tray
R = Tape and Reel
H = Safety + Security HW
S = Safety HW
C = Security HW (HSM)
O = No option
X = 180 MHz at 165 oC TJ
Q = 180 MHz at 150 C TJ
N = 120 MHz at 150 C TJ
C3 = FPBGA292
E7 = eLQFP176
H0 = Known Good Die
84 = 6 MB
80 = 4 MB
E = SPC58NE84xx family
N = Triple computing e200z4d core
E = Double computing e200z4d core
(CPU_0 + CPU_2)
SPC58 = Power Architecture in 40 nm
Safety
Table 82. Code Flash options
SPC58xE84 (6M)
SPC58xE80 (4M)
Partition
Start address
End address
16
16
0
0x00FC0000
0x00FC3FFF
16
16
0
0x00FC4000
0x00FC7FFF
16
16
1
0x00FC8000
0x00FCBFFF
16
16
1
0x00FCC000
0x00FCFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com