Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EEX Datasheet(PDF) 145 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 145 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 141Page - STMicroelectronics SPC58EEX Datasheet HTML 142Page - STMicroelectronics SPC58EEX Datasheet HTML 143Page - STMicroelectronics SPC58EEX Datasheet HTML 144Page - STMicroelectronics SPC58EEX Datasheet HTML 145Page - STMicroelectronics SPC58EEX Datasheet HTML 146Page - STMicroelectronics SPC58EEX Datasheet HTML 147Page - STMicroelectronics SPC58EEX Datasheet HTML 148Page - STMicroelectronics SPC58EEX Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 154 page
background image
DS11646 Rev 4
145/154
SPC58EEx, SPC58NEx
Revision history
153
03-April-2017
2
Table 9: Device consumption:
– Updated parameter “IDDHALT”
– Updated parameter “IDDSTOP”
– Changed the condition from “C” to “D” for parameter “IDD_LV_BD”
– Changed the condition from “C” to “T” for parameter “IDD_HV_BD”
– Changed from “Cc” to “SR” for parameters “ISPIKE and dl”
– Changed the condition from “P” to “T” for parameter “IDDOFF”
– Updated the max values for parameter IDD_LKG.
– Deleted parameters: IDDSTBY8, IDDSTBY128, and IDDSTBY256.
Table 11: I/O input electrical characteristics:
Added parameter “Vihcmos BD”.
Updated table footnote 1.
Table 13: WEAK/SLOW I/O output characteristics:
– For parameter “Fmax_W”, updated condition “25 pF load” to “CL=25pF”.
– For parameter “tTR_S”, changed min value (25 pF load) from “4” to “3”.
– Changed min value (50 pF load) from “6” to “5”.
Table 17: I/O consumption:
Updated all the max values of parameters, IDYN_W and IDYN_M
Table 3.8: I/O pad specification:
– Replaced all occurences of “50 pF load” with “CL=50pF”.
– Removed note “The external ballast....”.
Table 3.8.2: I/O output DC characteristics:
Added note “10%/90% is the....”
Table 15: STRONG/FAST I/O output characteristics
– Parameter “IDCMAX_S” updated:
– Condition added “VDD=5V+10%
– Condition added “VDD=3.3V+10%, Max value updated to 5.5mA
Table 19: Reset Pad state during power-up and reset:
Added this table.
Table 20: PLL0 electrical characteristics:
– For parameter “IPLL0”, classification changed from “C” to “T”.
– Footnote “Jitter values...measurement” added for parameters:
|ΔPLL0PHI0SPJ|
|ΔPLL0PHI1SPJ|
ΔPLL0LTJ
Table 21: PLL1 electrical characteristics:
– For parameter “IPLL1”, classification changed from “C” to “T”.
– Footnote “Jitter values...measurement” added for parameter “
|ΔPLL1PHI0SPJ|”
Table 22: External 40 MHz oscillator electrical specifications:
– Classification for parameters “CS_EXTAL” and “CS_EXTAL” changed from “T” to
“D”.
– Updated classification, conditions, min and max values for parameter “gm”.
– Updated parameters CS_EXTAL, and CS_XTAL.
Table 84. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com