Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EEX Datasheet(PDF) 144 Page - STMicroelectronics

Part # SPC58EEX
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EEX Datasheet(HTML) 144 Page - STMicroelectronics

Back Button SPC58EEX Datasheet HTML 140Page - STMicroelectronics SPC58EEX Datasheet HTML 141Page - STMicroelectronics SPC58EEX Datasheet HTML 142Page - STMicroelectronics SPC58EEX Datasheet HTML 143Page - STMicroelectronics SPC58EEX Datasheet HTML 144Page - STMicroelectronics SPC58EEX Datasheet HTML 145Page - STMicroelectronics SPC58EEX Datasheet HTML 146Page - STMicroelectronics SPC58EEX Datasheet HTML 147Page - STMicroelectronics SPC58EEX Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 154 page
background image
Revision history
SPC58EEx, SPC58NEx
144/154
DS11646 Rev 4
6
Revision history
Table 84. Document revision history
Date
Revision
Changes
10-Jun-2016
1
Initial release.
03-April-2017
2
Following are the changes for this release of the document:
Editorial and formatting updates throughout the document.
Updated the cover page.
Section 1.2: Description:
Replaced “SPC58NE84x” with “SPC58xEx”.
Table 2: SPC58xEx feature summary::
Updated table.
Section 1.5: Features:
Updated the feature bullet points.
Section 2.1: Pad dimensions/ KGD coordinates:
Added this section.
Section 3.1: Introduction:
– Removed text “The IPs and...for the details”.
– Removed the two notes.
Section 3.2: Absolute maximum ratings:
– Added text “Exposure to absolute ... reliability”
– Added text “even momentarily”
Table 4: Absolute maximum ratings:
– Updated values in conditions column.
– Added parameter TTRIN.
– For parameter “TSTG”, maximum value updated from “175” to “125”
– Added new parameter “TPAS”
– For parameter “IINJ”, description updated from “maximum...PAD” to
“maximum DC...pad”
Table 5: Operating conditions:
– For parameter “VDD_LV”, added footnote “In the range...”
– For parameter “VDD_LV”, changed the classification from “D” to “P”
– For parameter “VDD_HV_ADR_S”, removed the second row.
– For parameter VDD_HV_ADR_S-VDD_HV_ADV, updated the min value.
– Added footnote “The maximum number...” to parameter FSYS.
– For parameter “VDD_HV_ADR_S-VDD_HV_ADV”, swapped the “conditions” and
“Min” columns.
Added new table Table 6: PRAM wait states configuration.
Table 7: Device supply relation during power-up/power-down sequence:
Updated the table.
Section 3.6: Temperature profile:
Added text “Mission profile with junction....representative for validation”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com