Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80E7 Datasheet(PDF) 65 Page - STMicroelectronics

Part # SPC58EE80E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 61Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 62Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 63Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 64Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 65Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 66Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 67Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 68Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 154 page
background image
DS11646 Rev 4
65/154
SPC58EEx, SPC58NEx
Electrical characteristics
66
tSETTLING
CC D
Settling time after
mux change
Analog inputs are
muxed
HPF = ON
——
2*
δGROUP
+
3*fADCD_S
—
HPF = OFF
—
—
2*
δGROUP
+
2*fADCD_S
—
tODRECOVERY CC D
Overdrive recovery
time
After input comes within
range from saturation
HPF = ON
——
2*
δGROUP
+
fADCD_S
—
HPF = OFF
—
—
2*
δGROUP
—
CS_D
CC D
S/D ADC sampling
capacitance after
sampling switch(16)
GAIN = 1, 2, 4, 8
—
—
75*GAIN
fF
GAIN = 16
—
—
600
fF
IBIAS
CC D Bias consumption
At least 1 ADCD
enabled
——
5
mA
IADV_D
CC C
VDD_HV_ADV
power supply
current (each ADC)
ADCD enabled
—
—
3.5
mA
ΣIADR_D
CC C
Sum of all ADC
reference
consumption(17)
ADCD enabled
—
—
80
µA
1. For input voltage above the maximum and below the clamp voltage of the input pad, there is no latch-up concern, and the
signal will only be ‘clipped’.
2. VINP is the input voltage applied to the positive terminal of the SDADC.
3. VINM is the input voltage applied to the negative terminal of the SDADC.
4. Maximum input of 166.67 KHz supported with reduced accuracy. See SNR specifications.
5. When using a GAIN setting of 16, the conversion result will always have a value of zero in the least significant bit. This
gives an effective resolution of 15 bits.
6. The absolute value of the ADC gain error (|
δGAIN|) after calibration is applicable in differential mode only. In single-ended
mode after calibration, this value should be considered as 25mV.
7. Offset and gain error due to temperature drift can occur in either direction (+/-) for each of the SDADCs on the device.
8. Calibration of gain is possible when gain = 1. Offset Calibration should be done with respect to 0.5*VDD_HV_ADR_D for
"differential mode" and "single ended mode with negative input=0.5*VDD_HV_ADR_D". Offset Calibration should be done
with respect to 0 for "single ended mode with negative input=0". Both offset and Gain Calibration is guaranteed for ±5%
variation of VDD_HV_ADR_D, ±10% variation of VDD_HV_ADV, and ± 50 °C temperature variation.
9. Conversion offset error must be divided by the applied gain factor (1, 2, 4, 8, or 16) to obtain the actual input referred offset
error.
10. This parameter is guaranteed by bench validation with a small sample of devices across process variations, and tested in
production to a value of 3 dB less.
11. S/D ADC is functional in the range 3.6 V < VDD_HV_ADV < 4.0 V and, SNR parameter degrades by 12 dB. Degraded SNR
value based on simulation and granted by design.
12. All channels of all SD-ADCs are impacted with same degradation, independently from the ADC and the channel subject to
current injection.
13. SNR value guaranteed only if external noise on the ADC input pin is attenuated by the required SNR value in the frequency
range of fADCD_M - fADCD_S to fADCD_M + fADCD_S, where fADCD_M is the input sampling frequency, and fADCD_S
is the output sample frequency. A proper external input filter should be used to remove any interfering signals in this
frequency range.
14. The ±1% passband ripple specification is equivalent to 20 * log10 (0.99) = 0.087 dB.
Table 29. SDn ADC electrical specification (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com