Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80E7 Datasheet(PDF) 83 Page - STMicroelectronics

Part # SPC58EE80E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 79Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 80Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 81Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 82Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 83Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 84Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 85Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 86Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 154 page
background image
DS11646 Rev 4
83/154
SPC58EEx, SPC58NEx
Electrical characteristics
87
3.16.2
Voltage regulators
Table 40. Linear regulator specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VMREG
CC P
Main regulator output voltage
Power-up, before
trimming, no load
1.12
1.20
1.28
V
CC P
After trimming,
maximum load
1.08
1.18
1.23
IDDMREG
CC T
Main regulator current provided to
VDD_LV domain
The maximum current required by
the device (IDD_LV) may exceed
the maximum current which can
be provided by the internal linear
regulator. In this case, the internal
regulator mode cannot be used.
——
—
700
mA
IDDCLAMP CC D
Main regulator rush current
sinked from VDD_HV_IO_MAIN
domain during VDD_LV domain
loading
Power-up condition
—
—
400
mA
ΔIDDMREG
(1)
CC T
Main regulator output current
variation
20 µs observation
window
-200
—
200
mA
IMREGINT
CC
D Main regulator current
consumption
IMREG = max
—
—
22
mA
DIMREG = 0 mA
—
—
—
1. Internal schemes must be used by the application (for example: frequency ramping feature enabled) to ensure that
incremental demands are made on the external power supply within the maximum value. Mbist/Lbist must be configured to
avoid exceeding the maximum value.
Table 41. Auxiliary regulator specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VAUX
CC P
Aux regulator output voltage
After trimming, internal
regulator mode
1.08
1.18
1.21
V
CC P
After trimming, external
regulator mode
1.03
1.12
1.16
IDDAUX
CC T
Aux regulator current provided to
VDD_LV domain
——
—
250
mA
ΔIDDAUX
CC T Aux regulator current variation
20 µs observation
window
—100
—
100
mA
IAUXINT
CC
D Aux regulator current
consumption
IMREG = max
—
—
1.1
mA
DIMREG = 0 mA
—
—
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com