Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80E7 Datasheet(PDF) 73 Page - STMicroelectronics

Part # SPC58EE80E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 69Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 70Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 71Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 72Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 73Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 74Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 75Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 76Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 154 page
background image
DS11646 Rev 4
73/154
SPC58EEx, SPC58NEx
Electrical characteristics
74
Figure 12. LVDS pad external load diagram
3.14.3
LFAST PLL electrical characteristics
The following table contains the electrical characteristics for the LFAST PLL.
3. All MSC and DSPI LVDS pad electrical characteristics are valid from -40 °C to 165 °C.
4. Valid for maximum data rate fDATA. Value given is the capacitance on each terminal of the differential pair, as shown in
Figure 12.
5. Valid for maximum external load CL.
6. The transition time is measured from 10% to 90% of the voltage transition from -|
ΔVOD|(min) to +|ΔVOD|(min).
1pF
1pF
2.5pF
2.5pF
CL
CL
100 Ω
terminator
Die
Package
PCB
GPIO Driver
LVDS Driver
GPIO Driver
Table 36. LFAST PLL electrical characteristics(1)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
fRF_REF
SR D PLL reference clock frequency (CLKIN)
—
10(2)
—30
MHz
ERRREF CC D
PLL reference clock frequency error
—
-1
—
1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com