Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80E7 Datasheet(PDF) 84 Page - STMicroelectronics

Part # SPC58EE80E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 80Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 81Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 82Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 83Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 84Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 85Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 86Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 87Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
84/154
DS11646 Rev 4
Table 42. Clamp regulator specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VCLAMP
CC P
Clamp regulator output voltage
After trimming, internal
regulator mode
1.17
1.21
1.32
V
CC P
After trimming, external
regulator mode
1.24
1.28
1.39
ΔIDDCLAMP CC T Clamp regulator current variation
20 µs observation
window
—100
—
100
mA
ICLAMPINT CC D
Clamp regulator current
consumption
IMREG = 0 mA
—
—
0.7
mA
Table 43. Standby regulator specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VSBY
CC P Standby regulator output voltage
After trimming,
maximum load
1.02
1.06
1.26
V
IDDSBY
CC T
Standby regulator current
provided to VDD_LV domain
——
—
50
mA
Table 44. SMPS Regulator specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
VDD_HV_IO SR P
SMPS Regulator Supply
Voltage(1)
—
4.5
—
5.5
V
VSMPS
CC P SMPS regulator output voltage
After trimming, max load
1.14
1.20
1.26
V
δVSMPS
CC T
SMPS regulator output voltage
tolerance
after trimming, < 20 µs
observation window
-5%
—
+5%
—
FSMPS
CC T
SMPS regulator switching
frequency
—
-5%
727
+5%
kHz
IDDSMPS
CC T
SMPS regulator current provided
to VDD_LV domain
—
—
—
1000
mA
IDDCLAMP CC D
SMPS regulator rush current
sinked from VDD_HV_IO_MAIN
domain during VDD_LV domain
loading
Power-up condition
—
—
400
mA
ΔIDDSMPS
(2)
CC T SMPS regulator current variation
20 µs observation
window
-200
—
200
mA
1. SMPS regulator is functional in the range 2.85 V < VDD_HV_IO < 4.5 V, but at a reduced efficiency.
2. Internal schemes must be used by the application (eg frequency ramping feature enable) to ensure that incremental
demands are made on the external power supply within the maximum value. Mbist/Lbist must be configured to avoid
exceeding the maximum value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com