Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80E7 Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPC58EE80E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 16Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 17Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 18Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 19Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 20Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 21Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 22Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 23Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
20/154
DS11646 Rev 4
3.3.1
Power domains and power up/down sequencing
The following table shows the constraints and relationships for the different power domains.
Supply1 (on rows) can exceed Supply2 (on columns), only if the cell at the given row and
column is reporting ‘ok’. This limitation is valid during power-up and power-down phases, as
well as during normal device operation.
5. In the range [1.14-1.08]V, the device functionality and specifications are granted and the device is expected to receive a
flag by the internal LVD100 monitors to warn that the regulator (internal or external), providing the VDD_LV supply, exited the
expected operating conditions. If the internal LVD100 monitors are disabled by the application, then an external voltage
monitor with minimum threshold of VDD_LV(min) = 1.08 V measured at the device pad, has to be implemented. Refer to
Section 3.16.3: Voltage monitors for the list of available internal monitors and to the Reference Manual for the
configurability of the monitors.
6. Core voltage can exceed 1.26 V with the limitations provided in Section 3.2: Absolute maximum ratings, provided that
HVD134_C monitor reset is disabled.
7. 1.260 V - 1.290 V range allowed periodically for supply with sinusoidal shape and average supply value below or equal to
1.236 V at the given temperature profile.
8. S/D ADC is functional in the range 3.0 V < VDD_HV_ADV < 4.0 V and 3.0 V < VDD_HV_ADR_D < 4.0 V, but precision of
conversion is not guaranteed.
9. Full device lifetime. I/O and analog input specifications are only valid if the injection current on adjacent pins is within these
limits. See Section 3.2: Absolute maximum ratings for maximum input current for reliability requirements.
10. The I/O pins on the device are clamped to the I/O supply rails for ESD protection. When the voltage of the input pins is
above the supply rail, current will be injected through the clamp diode to the supply rails. For external RC network
calculation, assume typical 0.3 V drop across the active diode. The diode voltage drop varies with temperature.
11. The limits for the sum of all normal and injected currents on all pads within the same supply segment can be found in
Section 3.8.3: I/O pad current specifications.
12. Positive and negative Dynamic current injection pulses are allowed up to this limit, with different specifications for I/O, ADC
accuracy and analog input. See the dedicated chapters for the different specification limits. See the Absolute Maximum
Ratings table for maximum input current for reliability requirements. Refer to the following pulses definitions: Pulse1 (ISO
7637-2:2011), Pulse 2a(ISO 7637-2:2011 5.6.2), Pulse 3a (ISO 7637-2:2011 5.6.3), Pulse 3b (ISO 7637-2:2011 5.6.3).
Table 6. PRAM wait states configuration
PRAMC WS
Clock Frequency (MHz)
1< 180
0< 120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com