Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80E7 Datasheet(PDF) 71 Page - STMicroelectronics

Part # SPC58EE80E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 67Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 68Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 69Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 70Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 71Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 72Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 73Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 74Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 154 page
background image
DS11646 Rev 4
71/154
SPC58EEx, SPC58NEx
Electrical characteristics
74
4. Startup times are valid for the maximum external loads CL defined in both the LFAST/HSD and MSC/DSPI transmitter
electrical characteristic tables.
5. Bias startup time is defined as the time taken by the current reference block to reach the settling bias current after being en-
abled.
6. Total transmitter startup time from power down to normal mode is tSTRT_BIAS + tPD2NM_TX + 2 peripheral bridge clock peri-
ods.
7. Total transmitter startup time from sleep mode to normal mode is tSM2NM_TX + 2 peripheral bridge clock periods. Bias block
remains enabled in sleep mode.
8. Total receiver startup time from power down to normal mode is tSTRT_BIAS + tPD2NM_RX + 2 peripheral bridge clock periods.
9. Total receiver startup time from power down to sleep mode is tPD2SM_RX + 2 peripheral bridge clock periods. Bias block re-
mains enabled in sleep mode.
10. Absolute min = 0.15 V – (285 mV/2) = 0 V
11. Absolute max = 1.6 V + (285 mV/2) = 1.743 V
12. Value valid for LFAST mode and SPI mode. In LFAST mode the LXRXOP_BR bit in the LFAST LVDS Control Register
(LCR) must be set to one to ensure proper LFAST receive timing.
13. Total internal capacitance including receiver and termination, co-bonded GPIO pads, and package contributions. For bare
die devices, subtract the package value given in Figure 12.
Table 33. LFAST transmitter electrical characteristics(1),(2),(3)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
fDATA
SR D
Data rate
—
—
—
320
Mbps
VOS
CC P
Common mode voltage
—
1.08
—
1.32
V
|
ΔVOD|CC P
Differential output voltage swing
(terminated)(4),(5)
—
110
—
285
mV
tTR
CC T
Rise time from -|
ΔVOD(min)| to
+|
ΔVOD(min)|. Fall time from
+|
ΔVOD(min)| to -|ΔVOD(min)|
—
0.26
—
1.25
ns
CL
SR D
External lumped differential load
capacitance(4)
VDD_HV_IO = 4.5 V
—
—
6.0
pF
VDD_HV_IO = 3.0 V
—
—
4.0
ILVDS_TX CC C
Transmitter DC current consumption
Enabled
—
—
3.6
mA
IPIN_TX
CC D
Transmitter DC current sourced through
output pin
—
1.1
2.85
mA
1. This table is applicable to LFAST LVDS pads used in LFAST configuration (SIUL2_MSCR_IO_n.ODC=101).
2. The LFAST and High-Speed Debug LFAST pad electrical characteristics are based on worst case internal capacitance
values shown in Figure 12.
3. All LFAST and High-Speed Debug LVDS pad electrical characteristics are valid from -40 °C to 165 °C.
4. Valid for maximum data rate fDATA. Value given is the capacitance on each terminal of the differential pair, as shown in
Figure 12.
5. Valid for maximum external load CL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com