Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80E7 Datasheet(PDF) 104 Page - STMicroelectronics

Part # SPC58EE80E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 100Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 101Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 102Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 103Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 104Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 105Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 106Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 107Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
104/154
DS11646 Rev 4
Figure 29. DSPI PCS strobe (PCSS) timing (master mode)
3.18.2.1.2 DSPI CMOS master mode — modified timing
Note:
In the following table, all output timing is worst case and includes the mismatching of rise
and fall times of the output pads.
PCSx
PCSS
tPCSC
tPASC
Table 56. DSPI CMOS master modified timing (full duplex and output only)
MTFE = 1, CPHA = 0 or 1
#
Symbol
C Characteristic
Condition
Value(1)
Unit
Pad drive(2)
Load (CL)Min
Max
1tSCK CC D SCK cycle time
SCK drive strength
Very strong
25 pF
33.0
—
ns
Strong
50 pF
80.0
—
Medium
50 pF
200.0
—
2tCSC CC D
PCS to SCK
delay
SCK and PCS drive
strength
Very strong
25 pF
(N(3) × tSYS(4))–16
—
ns
Strong
50 pF
(N(3) × tSYS(4))–16
—
Medium
50 pF
(N(3) × tSYS(4))–16
—
PCS
medium and
SCK strong
PCS = 50 pF
SCK = 50 pF
(N(3) × tSYS(4))–29
—
3tASC CC D After SCK delay
SCK and PCS drive
strength
Very strong
PCS = 0 pF
SCK = 50 pF
(M(5) × tSYS(4))– 35
—
ns
Strong
PCS = 0 pF
SCK = 50 pF
(M(5) × tSYS(4))– 35
—
Medium
PCS = 0 pF
SCK = 50 pF
(M(5) × tSYS(4))– 35
—
PCS
medium and
SCK strong
PCS = 0 pF
SCK = 50 pF
(M(5) × tSYS(4))– 35
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com