Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80C3 Datasheet(PDF) 146 Page - STMicroelectronics

Part # SPC58EE80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80C3 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button SPC58EE80C3 Datasheet HTML 142Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 143Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 144Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 145Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 146Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 147Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 148Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 149Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 154 page
background image
Revision history
SPC58EEx, SPC58NEx
146/154
DS11646 Rev 4
03-April-2017
2
Renamed the section “RC oscillator 1024 kHz” to Section 3.11.4: Low power
RC oscillator
Table 24: Internal RC oscillator electrical specifications:
– For parameter “IFIRC”, replaced max value of 300 with 600.
– Added footnote to the description.
– For parameter IFIRC, changed the max value to 600 and added footnote.
– Min, Typ and Max value of ”
δfvar_SW” updated from “-1”, “-”, “1” to “-0.5”,
“+0.3” and “0.5” respectively.
– For parameter “gmsxosc”, changed the cassification to “P”.
Table 25: 1024 kHz internal RC oscillator electrical characteristics:
For parameter “
δfvar_T”, and “δfvar_V“ changed the cassification to “P”.
Table 27: SARn ADC electrical specification:
– Classification for parameter “IADCREFH” changed from “C” to “T”.
– For parameter fADCK (High frequency mode), changed min value from “7.5” to
“> 13.33”.
– Deleted footnote “Values are subject to change (possibly improved to ±2
LSB) after characterization”
Table 28: ADC-Comparator electrical specification:
– Classification for parameter “IADCREFH” changed from “C” to “T”
– Removed table footnote “Values are subject to change (possibly improved to
±2 LSB) after characterization”
– For parameter fADCK , replaced the min value “7.5” with “>13.33”
Table 26: ADC pin specification:
For ILKG, changed condition “C” to “—”.
Table 29: SDn ADC electrical specification:
– Added footnote “When using a GAIN ... resolution of 15 bits” to parameter
“RESOLUTION”.
– Added footnote “Conversion offset ... offset error” to parameter VOFFSET.
– Removed footnote “SNR value guaranteed ... frequency range” from
parameters- SNRDIFF150 and SNRDIFF333.
–In Vcmrr, changed “SR” to “CC” and “D” to “T”
– Changed min value from “1.5” to “—” in parameter “IADV_D”
– Changed min value from “3” to “—” in parameter “
ΣIADR_D”.
– Added footnote “Consumption is given ... set-up” to parameter “
ΣIADR_D”
– Removed footnote “Sampling is .... fADCD_M/2”
– Updated footnote “S/D ADC is ...12 dB”
– Added table footnote “This parameter ...3 dB less” to parameters -
SNRDIFF150, SNRDIFF333, and SNRSE150
– Replaced the max value of ΣIADR_D of “16” with “80”.
Table 8: Input equivalent circuit (Fast SARn and SARB channels):
Updated the figure.
Table 31: Temperature sensor electrical characteristics:
For “temperature monitoring range”, classification removed (was C)
Table 84. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com