Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80C3 Datasheet(PDF) 148 Page - STMicroelectronics

Part # SPC58EE80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80C3 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button SPC58EE80C3 Datasheet HTML 144Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 145Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 146Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 147Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 148Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 149Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 150Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 151Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 154 page
background image
Revision history
SPC58EEx, SPC58NEx
148/154
DS11646 Rev 4
03-April-2017
2
Table 43: Standby regulator specifications:
– Classification of parameter “IDDSBY” changed from “P” to “T”.
– Classification of parameter “IDDSBY” changed from “T” to “P”.
Table 17: Voltage monitor threshold definition:
Updated the figure.
Section 3.17: Flash memory:
Updated the section.
Table 50: Nexus debug port timing:
Classification of parameters “tEVTIPW” and “tEVTOPW” changed from “P” to “D”.
Table 56: DSPI CMOS master modified timing (full duplex and output only)
MTFE = 1, CPHA = 0 or 1:
Changed the Min value of tSCK (very strong) from 33 to 59.
Table 57: DSPI LVDS master timing — full duplex — modified transfer format
(MTFE = 1), CPHA = 0 or 1:
Added footnote “LVDS differential load considered is the capacitance on each
terminal of the differential pair...”.
Table 58: DSPI LVDS master timing – output only – timed serial bus mode
TSB = 1 or ITSB = 1, CPOL = 0 or 1, continuous SCK clock:
Added footnote “LVDS differential load considered is the capacitance on each
terminal of the differential pair...”.
Table 54: DSPI channel frequency support:
Added column to show slower and faster frequencies.
Section 5: Ordering information:
Renamed figure “Ordering information scheme” to “Commercial product
scheme”
Added tables: Table 82: Code Flash options, and Table 83: RAM options
Table 84. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com