Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80C3 Datasheet(PDF) 152 Page - STMicroelectronics

Part # SPC58EE80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80C3 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button SPC58EE80C3 Datasheet HTML 146Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 147Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 148Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 149Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 150Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 151Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 152Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 153Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 154Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 152 / 154 page
background image
Revision history
SPC58EEx, SPC58NEx
152/154
DS11646 Rev 4
01-Jul-2019
4(cont’)
Section 3.11.3: RC oscillator 16 MHz
– Table 24: Internal RC oscillator electrical specifications: updated Max value
for IFIRC.
Table 26: ADC pin specification:
– Added electrical specification for R20KΩ symbol.
– Added row for symbol “CEXT / SR”.
Table 27: SARn ADC electrical specification:
– column “C” splited and added “D” for IADV_S
– Added electrical specification for R20KΩ symbol.
Table 28: ADC-Comparator electrical specification:
– Set min = 5/fADCK µs for 10-bit ADC mode, min = 2/fADCK for ADC comparator
mode, at symbol tADCSAMPLE.
– column “C” split and added “D” for IADV_S
– Added “ADC comparator mode” condition to the following two parameters:
IADCREFH Min: - and Max: 19.5 µA
IADCREFL Min: - and Max: 20.5 µA
Figure 8: Input equivalent circuit (Fast SARn and SARB channels): Added
parameter “CEXT: external capacitance” and component to scheme.
Section 3.12.4: S/D ADC electrical specification
– Added note.
– Table 29: SDn ADC electrical specification: Table 29: SDn ADC electrical
specification:
– Updated Max value before calibration for VOFFSET, IBIAS, IADV_D.
– Updated footnote “S/D ADC is functional...”
– Added footnote “The absolute value...” for
|δGAIN|.
– updated Vcmrr.
Section 3.12.5: SD ADC filter modes: added this section
Updated Figure 9: LFAST and MSC/DSPI LVDS timing definition
Table 32: LVDS pad startup and receiver electrical characteristics,
Updated footnote #12 starting with “Value valid for LFAST mode...”
with new sentence containing DSPI mode related data.
Section 3.16: Power management: Changed “flash” by “Flash” throughout the
chapter
Section 3.16.1: Power management integration: added sentence “It is
recommended...device itself” for all devices
Table 40: Linear regulator specifications:
– updated values for symbol “
ΔIDDMREG”: Min: added -200, Max: added 200
– For
ΔIDDMREG Added a footnote “Internal schemes must be....”.
Figure 15: SMPS Regulator Mode: Figure updated and footnote added
Table 44: SMPS Regulator specifications:
–For “
ΔIDDSMPS” updated the Min and Max values. Added a table footnote.
– Updated Min and Max values for
ΔIDDSMPS from 100 to 200.
– Changed condition for IDDSMPS.
Section 3.16.1: Power management integration
Table 39: External components integration: added unit to Max value for Cs2 and
Cs1_A.
Table 84. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com