Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16KC Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 60Page - STMicroelectronics ST25DV16KC Datasheet HTML 61Page - STMicroelectronics ST25DV16KC Datasheet HTML 62Page - STMicroelectronics ST25DV16KC Datasheet HTML 63Page - STMicroelectronics ST25DV16KC Datasheet HTML 64Page - STMicroelectronics ST25DV16KC Datasheet HTML 65Page - STMicroelectronics ST25DV16KC Datasheet HTML 66Page - STMicroelectronics ST25DV16KC Datasheet HTML 67Page - STMicroelectronics ST25DV16KC Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 203 page
background image
Table 75. DSFID access
RF
I2C
Command
Type
Address
Type
Inventory (cmd code 01h)
Get System Info (cmd code 2Bh)
Ext Get System Info (cmd code 3Bh)
Write DSFID (cmd code 28h)
R always, W if DSFID not locked
E2=1, E1=1, 0012h
RO
Table 76. DSFID
Bit
Name
Function
Factory value
b7-b0
DSFID
ISO/IEC 15693 Data Storage Format Identifier
00h
Note:
Refer to Table 13. System configuration memory map for the DSFID register.
Table 77. AFI access
RF
I2C
Command
Type
Address
Type
Inventory (cmd code 01h)
Get System Info (cmd code 2Bh)
Ext Get System Info (cmd code 3Bh)
Write AFI (cmd code 27h)
R always, W if AFI not locked
E2=1, E1=1, 0013h
RO
Table 78. AFI
Bit
Name
Function
Factory value
b7-b0
AFI
ISO/IEC 15693 Application Family Identifier
00h
Note:
Refer to Table 13. System configuration memory map for the AFI register.
Table 79. MEM_SIZE access
RF
I2C
Command
Type
Address
Type
Get System Info (cmd code 2Bh) (1)
Ext Get System Info (cmd code 3Bh)
RO
E2=1, E1=1, 0014h
to 0015h
RO
1. Only ST25DV04KC
ST25DV04KC ST25DV16KC ST25DV64KC
Device parameter registers
DS13519 - Rev 3
page 64/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com