Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16KC Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 29Page - STMicroelectronics ST25DV16KC Datasheet HTML 30Page - STMicroelectronics ST25DV16KC Datasheet HTML 31Page - STMicroelectronics ST25DV16KC Datasheet HTML 32Page - STMicroelectronics ST25DV16KC Datasheet HTML 33Page - STMicroelectronics ST25DV16KC Datasheet HTML 34Page - STMicroelectronics ST25DV16KC Datasheet HTML 35Page - STMicroelectronics ST25DV16KC Datasheet HTML 36Page - STMicroelectronics ST25DV16KC Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 203 page
background image
•
If there is a write in progress in EEPROM memory, following an RF write command execution, the RF is set
in off mode at the completion of the write in memory. ST25DVxxKC does not answer to the RF request, but
data is written into memory. If GPO interruption RF_OFF is enabled, a pulse is emitted on GPO pin at end of
all write programming cycles.
•
If there is no write in progress in EEPROM memory, the RF is set in RF off mode immediately. ST25DVxxKC
does not answer to the RF request. If GPO interruption RF_OFF is enabled, a pulse is emitted on GPO pin
after stop condition of the I2C “RFSwitchOff” command.
Once in RF off mode, I2C host get exclusive access to the ST25DVxxKC, whatever incoming RF requests (which
are ignored).
5.4
GPO
GPO signal is used to alert the I2C host of external RF events or ST25DVxxKC processes activity and also if
some specific I2C events. Several causes could be used to request a host interruption. RF user can also directly
drive GPO pin level using a dedicated RF command.
5.4.1
ST25DVxxKC interrupt capabilities on RF events
ST25DVxxx supports multi interruption mode and can report several events occurring through RF interface.
In this section, all drawings are referring to the open drain version of GPO output (8-pin packages).
The reader can retrieve the behaviour of CMOS version (12-pin package) by inverting the GPO curve polarity and
replace the word “released” or “high-Z” by “pull to ground”.
Supported RF events is listed hereafter:
ST25DV04KC ST25DV16KC ST25DV64KC
GPO
DS13519 - Rev 3
page 33/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com