Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16KC Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 16Page - STMicroelectronics ST25DV16KC Datasheet HTML 17Page - STMicroelectronics ST25DV16KC Datasheet HTML 18Page - STMicroelectronics ST25DV16KC Datasheet HTML 19Page - STMicroelectronics ST25DV16KC Datasheet HTML 20Page - STMicroelectronics ST25DV16KC Datasheet HTML 21Page - STMicroelectronics ST25DV16KC Datasheet HTML 22Page - STMicroelectronics ST25DV16KC Datasheet HTML 23Page - STMicroelectronics ST25DV16KC Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 203 page
background image
4.4
Dynamic configuration
ST25DVxxKC has a set of dynamic registers that allow temporary modification of its behavior or report on its
activity. Dynamic registers are volatile and not restored to their previous values after POR.
Some static registers have an image in dynamic registers: dynamic register value is initialized with the static
register value and may be updated by the application to modify the device behavior temporarily (i.e.: set reset
of Energy Harvesting). When a valid change occurs in a static register, in RF or I2C, the corresponding dynamic
register is automatically updated.
Other, dynamic registers, automatically updated, contain indication on ST25DVxxKC activity. (for instance:
IT_STS_Dyn gives the interruption’s status or MB_CTRL_Dyn gives the fast transfer mode mailbox control).
In RF, dynamic registers can be accessed via dedicated (Fast) Read Dynamic Configuration and (Fast) Write
Dynamic Configuration commands, with a pointer acting as the register address. No password is needed to
access dynamic registers.
In I2C, dynamic registers can be accessed with I2C read and write commands with device select E2=0, E1=1.
Dynamic registers can be read in continuity. Dynamic registers and fast transfer mode mailbox can be read in
continuity, but not written in continuity. No password is needed to access dynamic registers.
The table below shows the complete map of dynamic registers, as seen by RF interface and by I2C interface.
Table 14. Dynamic registers memory map
RF access
Dynamic Registers
I2C access
Address
Type
Name
Function
Device
select
Address
Type
00h
RO
GPO_CTRL_Dyn
GPO control
E2=0, E1=1
2000h
R/W
No access
-
ST Reserved
E2=0, E1=1
2001h
RO
02h
R/W
EH_CTRL_Dyn
Energy Harvesting management & usage status
E2=0, E1=1
2002h
R/W
No access
RF_MNGT_Dyn
RF interface usage management
E2=0, E1=1
2003h
R/W
I2C_SSO_Dyn
I2C security session status
E2=0, E1=1
2004h
RO
IT_STS_Dyn
Interruptions Status
E2=0, E1=1
2005h
RO
0Dh
R/W
MB_CTRL_Dyn
Fast transfer mode control and status
E2=0, E1=1
2006h
R/W
NA
RO
MB_LEN_Dyn
Length of fast transfer mode message
E2=0, E1=1
2007h
RO
ST25DV04KC ST25DV16KC ST25DV64KC
Dynamic configuration
DS13519 - Rev 3
page 20/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com