Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16KC Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 37Page - STMicroelectronics ST25DV16KC Datasheet HTML 38Page - STMicroelectronics ST25DV16KC Datasheet HTML 39Page - STMicroelectronics ST25DV16KC Datasheet HTML 40Page - STMicroelectronics ST25DV16KC Datasheet HTML 41Page - STMicroelectronics ST25DV16KC Datasheet HTML 42Page - STMicroelectronics ST25DV16KC Datasheet HTML 43Page - STMicroelectronics ST25DV16KC Datasheet HTML 44Page - STMicroelectronics ST25DV16KC Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 203 page
background image
5.4.2
ST25DVxxKC interrupt capabilities on I2C events
On top of RF events, the ST25DVxxKC provides two additional I2C events that can trigger an interrupt on the
GPO pin.
In this section, all drawings are referring to the open drain version of GPO output (8-pin packages).
The reader can retrieve the behaviour of CMOS version (12-pin package) by inverting the GPO curve polarity and
replace the word “released” or “high-Z” by “pull to ground”.
Supported I2C events is listed hereafter:
I2C_WRITE:
•
When I2C_WRITE is activated, a pulse of duration IT_TIME is emitted at completion of a valid I2C write
operation in EEPROM (after I2C STOP condition).
•
Note that writing in dynamic registers or fast transfer mode mailbox does not trigger I2C_WRITE interrupt
(no write operation in EEPROM).
•
The purpose of this GPO interrupt is to inform the I2C host when the I2C write programming cycle in
EEPROM is completed, meaning the I2C bus and RF interface are free for new operation.
Figure 24. GPO/I2C_WRITE chronogram
1) I2C host sends a valid write command to EEPROM. ST25DVxxKC program the data into EEPROM.
GPO/I2C_WRITE generates a pulse during IT_TIME after programming cycle completion.
m * Wt
GPO/I2C_WRITE
3) I2C host sends a valid write command to Dynamic register or Mailbox. ST25DVxxKC program the
data with no programming cycle. GPO/I2C_WRITE remains high-Z.
2) I2C host sends an invalid write command to EEPROM. ST25DVxxKC does not program the data
into EEPROM. GPO/I2C_WRITE remains High-Z.
GPO/I2C_WRITE
S I2C Write A P
S I2C Write N P
S I2C Write A P
GPO/I2C_WRITE
MS69215
ST25DV04KC ST25DV16KC ST25DV64KC
GPO
DS13519 - Rev 3
page 41/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com