Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16KC Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 19Page - STMicroelectronics ST25DV16KC Datasheet HTML 20Page - STMicroelectronics ST25DV16KC Datasheet HTML 21Page - STMicroelectronics ST25DV16KC Datasheet HTML 22Page - STMicroelectronics ST25DV16KC Datasheet HTML 23Page - STMicroelectronics ST25DV16KC Datasheet HTML 24Page - STMicroelectronics ST25DV16KC Datasheet HTML 25Page - STMicroelectronics ST25DV16KC Datasheet HTML 26Page - STMicroelectronics ST25DV16KC Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 203 page
background image
5.1
Fast transfer mode (FTM)
5.1.1
Fast transfer mode registers
Static Registers
Table 16. FTM access
RF
I2C
Command
Type
Address
Type
Read Configuration (cmd code A0h) @0Dh
Write Configuration (cmd code A1h) @0Dh
R always, W if RF configuration security
session is open and configuration not
locked
E2=1, E1=1,
000Dh
R always, W if I2C security
session is open
Table 17. FTM
Bit
Name
Function
Factory value
b0
MB_MODE
0: Enabling fast transfer mode is forbidden.
1: Enabling fast transfer mode is authorized.
0b
b3-b1
MB_WDG
Watchdogduration=2MB_WDG−1×30ms±6
If MD_WDG = 0, then watchdog duration is infinite
000b
b7-b4
RFU
-
0000b
Note:
Refer to Table 13. System configuration memory map for the FTM register.
Dynamic Registers
Table 18. MB_CTRL_Dyn access
RF
I2C
Command
Type
Address
Type
Read Dynamic Configuration (cmd code ADh) @0Dh
Fast Read Dynamic Configuration (cmd code CDh) @0Dh
Write Dynamic Configuration (cmd code AEh) @0Dh
Fast Write Dynamic Configuration (cmd code CEh) @0Dh
b0: R always, W always
b7-b1: RO
E2=0, E1=1,
2006h
b0: R always, W always
b7-b1: RO
ST25DV04KC ST25DV16KC ST25DV64KC
Fast transfer mode (FTM)
DS13519 - Rev 3
page 23/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com