Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV16KC Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST25DV16KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV16KC Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST25DV16KC Datasheet HTML 18Page - STMicroelectronics ST25DV16KC Datasheet HTML 19Page - STMicroelectronics ST25DV16KC Datasheet HTML 20Page - STMicroelectronics ST25DV16KC Datasheet HTML 21Page - STMicroelectronics ST25DV16KC Datasheet HTML 22Page - STMicroelectronics ST25DV16KC Datasheet HTML 23Page - STMicroelectronics ST25DV16KC Datasheet HTML 24Page - STMicroelectronics ST25DV16KC Datasheet HTML 25Page - STMicroelectronics ST25DV16KC Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 203 page
background image
5
ST25DVxxKC specific features
ST25DVxxKC offers the following features:
•
A fast transfer mode (FTM), to achieve a fast link between RF and contact worlds, via a 256 byte buffer
called Mailbox. This mailbox dynamic buffer of 256 byte can be filled or emptied via either RF or I2C.
•
A GPO pin, which indicates incoming events to the contact side, like RF events (RF field changes, Rf
activity, Rf writing completion or mailbox message availability) or I2C events (I2C write completion, RF switch
off from I2C).
•
An Energy Harvesting element to deliver µW of power when external conditions make it possible.
•
RF management, which allows ST25DVxxKC to ignore RF requests.
All these features can be programmed by setting static and/or dynamic registers of the ST25DVxxKC.
ST25DVxxKC can be partially customized using configuration registers located in the system area.
These registers are:
•
dedicated to Data Memory organization and protection ENDAi, I2CSS, RFAiSS, LOCK_CCFILE.
•
dedicated to fast transfer mode FTM
•
dedicated to observation, GPO, IT_TIME
•
dedicated to RF , RF_MNGT, EH_MODE
•
dedicated the device’s structure LOCK_CFG
•
dedicated to I2C configuration, I2C_CFG
A set of additional registers allows to identify and customize the product (DSFID, AFI, IC_REF, etc.).
In I2C
Read accesses to the static configuration register is always allowed, except for passwords. For dedicated
registers, write access is granted after prior successful presentation of the I2C password. Configuration register
are located from address 0000h to 00FFh in the system area.
In RF
Dedicated commands Read Configuration and Write Configuration must be used to access the static
configuration registers. Update is only possible when the access right was granted by presenting the RF
configuration password (RF_PWD_0), and if the system configuration was not previously locked by the I2C host
(LOCK_CFG=1), which acts as security master.
After any valid write access to the static configuration registers, the new configuration is immediately applied.
Some of the static registers have a dynamic image (notice _Dyn) preset with the static register value:
GPO_CTRL_Dyn, EH_CTRL_Dyn, RF_MNGT_Dyn and MB_CTRL_Dyn.
When it exists, ST25DVxxKC uses the dynamic configuration register to manage its processes. A dynamic
configuration register updated by the application recovers its default static value after a Power On Reset (POR).
Other dynamic registers are dedicated to process monitoring:
•
I2C_SSO_Dyn is dedicated to data memory protection
•
MB_LEN_Dyn, MB_CTRL_Dyn are dedicated to fast transfer mode
•
IT_STS_Dyn is dedicated to interrupt
In I2C, read and write of the Dynamic registers is done using usual I2C read & write command at dedicated
address (E2=0 and E1=1 in device select).
In RF read or write accesses to the Dynamic registers are associated to the dedicated commands, Read Dynamic
Configuration, Write Dynamic Configuration and Read Message Length.
ST25DV04KC ST25DV16KC ST25DV64KC
ST25DVxxKC specific features
DS13519 - Rev 3
page 22/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com