Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25210ASAC9/V+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX25210ASAC9/V+
Description  Automotive Ultra Low Quiescent Current Linear Regulator Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25210ASAC9/V+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX25210ASAC9/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Pin Configuration
MAX25210
The MAX25210 part number covers the 8-pin TDFN 3mm x 3mm package.
+
MAX25210
TOP VIEW
8
7
6
5
4
3
2
1
TDFN-EP
3Mm x 3mm
*EP
Pin Description
PIN
NAME
FUNCTION
1
IN
Regulator Input. Bypass IN to GND with a 1μF (min) low-ESR ceramic capacitor.
2
EN
Active-High Enable Input. Force ENABLE high (or connect to IN) to turn the regulator on. Pull
ENABLE low (or leave unconnected) to place the device in a low-power shutdown mode. ENABLE
is internally pulled down to GND through a 0.25μA current sink.
3
SET
Feedback Network Selector. Connect SET to GND when operating the MAX25210 in fixed output
voltage mode (3.3V or 5V) using the internal feedback network. Connect SET to IN or any voltage
higher than 2.4V when an external feedback network (resistive divider) is used, operating the
MAX25210 in adjustable output-voltage mode.
4
RESET
Active-Low, Open-Drain Reset Output. RESET asserts low when OUT is below the reset threshold,
and remains low for the duration of the reset timeout period after the reset conditions end. RESET
also asserts low when ENABLE is low and during thermal shutdown. The pullup voltage on the
RESET pin must be greater than 1.5V.
5
TIMEOUT
Reset-Timeout-Period Adjust Input. Internal capacitance produces a 60μs default delay when
TIMEOUT is left unconnected. Connect a capacitor from TIMEOUT to GND to set a longer timeout
period than default.
MAX25210
Automotive Ultra Low Quiescent Current Linear
Regulator Family
www.maximintegrated.com
Maxim Integrated | 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com