Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25210ASAC9/V+ Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX25210ASAC9/V+
Description  Automotive Ultra Low Quiescent Current Linear Regulator Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25210ASAC9/V+ Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX25210ASAC9/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 13Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 14Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 15Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Applications Information
Output-Capacitor Selection and Regulator Stability
For stable operation over the full temperature range, with fixed 3.3V and 5.0V output voltages, use a low-ESR 2.2µF
capacitor. For resistor-programmed output voltages, a 10µF low-ESR ceramic capacitor is recommended for stable
operation. Use larger output-capacitor values (such as 22µF) to reduce noise while improving load-transient response
and power-supply rejection. Some ceramic dielectrics exhibit large capacitance and ESR variations with temperature. To
improve power-supply rejection and transient response, use a capacitor larger than the minimum 1µF capacitor between
IN and GND.
Exposed Pad
The MAX25210 features an exposed thermal pad on its underside that should be used as a heatsink. This pad lowers the
package’s thermal resistance by providing a direct heat-conduction path from the die to the PCB. Connect the exposed
pad and GND to the system ground using a large pad or ground plane, or multiple vias to the ground plane layer.
MAX25210
Automotive Ultra Low Quiescent Current Linear
Regulator Family
www.maximintegrated.com
Maxim Integrated | 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com