Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25210ASAC9/V+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX25210ASAC9/V+
Description  Automotive Ultra Low Quiescent Current Linear Regulator Family
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25210ASAC9/V+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX25210ASAC9/V+ Datasheet HTML 1Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 2Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 3Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX25210ASAC9/V+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Absolute Maximum Ratings
IN_H to GND .......................................................... -0.3V to +42V
ENABLE to GND .................................................... -0.3V to +42V
OUT to GND ........................................................... -0.3V to +12V
SET to GND............................................................ -0.3V to +42V
RESET to GND....................................................... -0.3V to +42V
SETOV to GND ........................................................ -0.3V to +6V
Timeout to GND ....................................................... -0.3V to +6V
Maximum Current (all pins except IN and OUT) ..................50mA
Continuous Power Dissipation (TA = 70°C) TDFN (Multilayer
board) (TDFN (derate 24.4mW/°C above +70°C)).........1951 mW
Operating Junction Temperature .......................-40°C to +150°C
Junction Temperature ....................................................... +150°C
Storage Temperature Range ..............................-65°C to +150°C
Lead Temperature (soldering 10s)....................................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Package Information
TDFN 3mm x 3mm
Package Code
T833+2C
Outline Number
21-0137
Land Pattern Number
90-0059
Thermal Resistance, Single-Layer Board:
Junction to Ambient (θJA)
54°C/W
Junction to Case (θJC)
8°C/W
Thermal Resistance, Four-Layer Board:
Junction to Ambient (θJA)
41°C/W
Junction to Case (θJC)
8°C/W
For the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages. Note that a “+”, “#”, or “-” in the package code indicates
RoHS status only. Package drawings may show a different suffix character, but the drawing pertains to the package regardless of RoHS status.
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board. For detailed information on package thermal
considerations, refer to www.maximintegrated.com/thermal-tutorial.
Electrical Characteristics
(VIN_H = VENABLE = +14V, CIN = 1µF, COUT = 2.2µF, TJ = -40°C to +150°C, unless otherwise noted. Typical values are TA = +25°C
(Note 1).)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Electrical Characteristics Table
Supply Voltage Range
VIN_H
Continuous
3.5
36
V
For ≤ 1s
42
Supply Current
ILOAD = 0mA, SET = GND, VOUT = 5V
(-40°C ≤ TJ ≤ +125°C)
10
29
µA
ILOAD = 0mA, SET = GND, VOUT = 5V
(TJ = +150°C)
38
Shutdown Supply
Current
ISHDN
ENABLE = GND, TA = +25°C
2
3
µA
ENABLE = GND, TJ = +150°C
7
MAX25210
Automotive Ultra Low Quiescent Current Linear
Regulator Family
www.maximintegrated.com
Maxim Integrated | 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com